Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3790 Datasheet(PDF) 26 Page - Linear Technology

Part # LT3790
Description  60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3790 Datasheet(HTML) 26 Page - Linear Technology

Back Button LT3790 Datasheet HTML 22Page - Linear Technology LT3790 Datasheet HTML 23Page - Linear Technology LT3790 Datasheet HTML 24Page - Linear Technology LT3790 Datasheet HTML 25Page - Linear Technology LT3790 Datasheet HTML 26Page - Linear Technology LT3790 Datasheet HTML 27Page - Linear Technology LT3790 Datasheet HTML 28Page - Linear Technology LT3790 Datasheet HTML 29Page - Linear Technology LT3790 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
LT8390A
26
8390afa
For more information www.linear.com/LT8390A
TYPICAL APPLICATIONS
169k
22nF
0.1µF
0.1µF
22µF
383k
4.7µF 100k
0.47µF
59.0k
2.2nF
10k
110k
10k
0.1µF
133k
100k
0.1µF
1µF
1µF
L1
1µH
M3
M4
M1
M2
1µF
10
10
22µF
22µF
4.7µF
D1
D2
5m
R1
10m
R2
EN/UVLO
VREF
CTRL
PGOOD
BG2
BST2
TG2
INTVCC
LOADEN
FB
VOUT
ISP
ISN
SYNC/SPRD
TEST
VIN
6V TO 28V
CONTINUOUS
4V TO 56V
TRANSIENT
2MHz
63V
100V
×2
16V
×2
ISMON
PGOOD
16V
VOUT
12V
4A
LSP
LSN
SW1
SW2
BST1
TG1
BG1
VIN
LT8390A
LOADTG
ISMON
SS
VC
RT
GND
SSFM OFF
SSFM ON
16V
×2
L1: WURTH 74437336010 1µH
M1, M2: INFINEON BSZ065NO6LS5
M3, M4: INFINEON BSZ033NE2LS5
D1, D2: NXP BAT46WJ
R1: Susumu KRL3216D-M-R005-F-T5
100V
×2
INTVCC
INTVCC
INTVCC
8390a TA02a
95% Efficient 48W (12V 4A) 2MHz Buck-Boost Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com