Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3790 Datasheet(PDF) 30 Page - Linear Technology

Part # LT3790
Description  60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3790 Datasheet(HTML) 30 Page - Linear Technology

Back Button LT3790 Datasheet HTML 22Page - Linear Technology LT3790 Datasheet HTML 23Page - Linear Technology LT3790 Datasheet HTML 24Page - Linear Technology LT3790 Datasheet HTML 25Page - Linear Technology LT3790 Datasheet HTML 26Page - Linear Technology LT3790 Datasheet HTML 27Page - Linear Technology LT3790 Datasheet HTML 28Page - Linear Technology LT3790 Datasheet HTML 29Page - Linear Technology LT3790 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LT8390A
30
8390afa
For more information www.linear.com/LT8390A
LINEAR TECHNOLOGY CORPORATION 2017
LT 0917 REV A • PRINTED IN USA
www.linear.com/LT8390A
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT8390
60V Synchronous 4-Switch Buck-Boost Controller
with Spread Spectrum
VIN: 4V to 60V, VOUT: 0V to 60V, ±1.5% Voltage Accuracy, ±3% Current
Accuracy, TSSOP-28 and 4mm × 5mm QFN-28
LT8391
60V Synchronous 4-Switch Buck-Boost LED
Controller with Spread Spectrum
VIN: 4V to 60V, VOUT: 0V to 60V, ±1.5% Voltage Accuracy, ±3% Current
Accuracy, TSSOP-28 and 4mm × 5mm QFN-28
LT8391A
60V Synchronous 2MHz 4-Switch Buck-Boost LED
Controller with Spread Spectrum
VIN: 4V to 60V, VOUT: 0V to 60V, ±1.5% Voltage Accuracy, ±3% Current
Accuracy, TSSOP-28 and 4mm × 5mm QFN-28
LT3790
60V Synchronous 4-Switch Buck-Boost Controller
VIN: 4.7V to 60V, VOUT: 1.2V to 60V, Regulates VOUT, IOUT, IIN, TSSOP-38
LT8705
80V VIN and VOUT Synchronous 4-Switch Buck-Boost
DC/DC Controller
VIN: 2.8V to 80V, VOUT: 1.3V to 80V, Regulates VOUT, IOUT, VIN, IIN,
5mm × 7mm QFN-38 and Modified TSSOP-38 for High Voltage
LTC®3789
High Efficiency Synchronous 4-Switch Buck-Boost
Controller
VIN: 4V to 38V, VOUT: 0.8V to 38V, Regulates VOUT, IOUT or IIN, 5mm × 5mm
QFN-32 and SSOP-24
LTC3780
High Efficiency Synchronous 4-Switch Buck-Boost
Controller
VIN: 4V to 36V, VOUT: 0.8V to 30V, Regulates VOUT, 4mm × 5mm QFN-28 and
SSOP-28
LT3763
60V High Current Step-Down LED Driver Controller
VIN: 6V to 60V, 4mm × 4mm QFN-20 and TSSOP-20
LT3757/LT3757A
Boost, Flyback, SEPIC and Inverting Controller
VIN: 2.9V to 40V, Positive or Negative VOUT, 3mm × 3mm DFN-10, MSOP-10
LT3758
High Input Voltage, Boost, Flyback, SEPIC and
Inverting Controller
VIN: 5.5V to 100V, Positive or Negative VOUT, 3mm × 3mm DFN-10, MSOP-10
LT8710
Synchronous SEPIC/Inverting/Boost Controller with
Output Current Control
VIN: 4.5V to 80V, Rail-to-Rail Output Current Monitor and Control, TSSOP-28
25W (5V 5A) 2MHz Buck-Boost Voltage Regulator
169k
22nF
0.1µF
0.1µF
22µF
383k
4.7µF 100k
0.47µF
59k
2.2nF
11k
40.2k
10k
0.1µF
95.3k
105k
0.1µF
1µF
1µF
L1
0.33µH
M3
M4
M1
M2
1µF
10
10
47µF
47µF
4.7µF
D1
D2
5m
R1
10m
R2
EN/UVLO
VREF
CTRL
PGOOD
BG2
BST2
TG2
INTVCC
LOADEN
FB
VOUT
ISP
ISN
SYNC/SPRD
TEST
VIN
4.5V TO 20V
CONTINUOUS
4V TO 56V
TRANSIENT
2MHz
63V
100V
×2
10V
×2
ISMON
PGOOD
10V
VOUT
5V
5A
LSP
LSN
SW1
SW2
BST1
TG1
BG1
VIN
LT8390A
LOADTG
ISMON
SS
VC
RT
GND
SSFM OFF
SSFM ON
10V
×2
L1: COILCRAFT XEL4020-331ME 0.33µH
M1, M2: INFINEON BSZ034N04LS
M3, M4: INFINEON BSZ033NE2LS5
D1, D2: NXP BAT46WJ
R1: SUSUMU KRL3216D-M-R005-F-T5
100V
×2
INTVCC
INTVCC
INTVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com