Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3790 Datasheet(PDF) 23 Page - Linear Technology

Part # LT3790
Description  60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3790 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT3790 Datasheet HTML 19Page - Linear Technology LT3790 Datasheet HTML 20Page - Linear Technology LT3790 Datasheet HTML 21Page - Linear Technology LT3790 Datasheet HTML 22Page - Linear Technology LT3790 Datasheet HTML 23Page - Linear Technology LT3790 Datasheet HTML 24Page - Linear Technology LT3790 Datasheet HTML 25Page - Linear Technology LT3790 Datasheet HTML 26Page - Linear Technology LT3790 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LT8390A
23
8390afa
For more information www.linear.com/LT8390A
Figure 14. Programming Output Current Limit
LT8390A
ISP
8390a F14a
ISN
RIS
+
TO SYSTEM
OUTPUT
FROM DRAIN OF
SWITCH D
LT8390A
ISP
8390a F14b
ISN
RIS
CF
RF
TO SYSTEM
OUTPUT
+
FROM DRAIN OF
SWITCH D
RF
(14a)
(14b)
APPLICATIONS INFORMATION
Load Switch Control
The LOADEN and LOADTG pins provide high side PMOS
load switch control. The LOADEN pin accepts a logic level
ON/OFF signal and then drives the LOADTG pin to turn on
or off the high side PMOS load switch, thereby connect-
ing or disconnecting the LT8390A power output from the
system output. When the LOADEN pin is forced low, the
LT8390A turns off TG1 and TG2, turns on BG1 and BG2,
disconnects the VC pin from all internal loads, and turns
off LOADTG. The LOADEN pin should not be left open (tie
to INTVCC or VREF if not used).
High Side PMOS Load Switch Selection
A high side PMOS load switch is recommended in some
LT8390A applications requiring load switch control. The
high side PMOS load switch is typically selected for drain-
sourcevoltageVDS,gate-sourcethresholdvoltageVGS(TH),
and continuous drain current ID. For proper operations,
VDS rating should exceed the output regulation voltage
set by the FB pin, the absolute value of VGS(TH) should
be less than 3V, and ID rating should be above IOUT(MAX).
Programming Output Voltage and Thresholds
The LT8390A has a voltage feedback pin FB that can be
used to program a constant-voltage output. The output
voltage can be set by selecting the values of R3 and R4
(Figure 15) according to the following equation:
VOUT = 1V •
R3+R4
R4
In addition, the FB pin also sets output overvoltage
threshold, output power good thresholds, and output
short threshold. For an application with small output
capacitors, the output voltage may overshoot a lot during
LT8390A
VOUT
R3
R4
8390a F15
FB
Figure 15. Feedback Resistor Connection
load transient event. Once the FB pin hits its overvoltage
threshold 1.1V, the LT8390A stops switching by turning
off TG1, BG1, TG2, and BG2, and also turns off LOADTG
to disconnect the output load for protection. The output
overvoltage threshold can be set as:
VOUT(OVP) = 1.1V •
R3+R4
R4
Toprovidetheoutputshort-circuitdetectionandprotection,
the output short falling threshold can be set as:
VOUT(SHORT) = 0.25V •
R3+R4
R4
Power GOOD (PGOOD) Pin
The LT8390A provides an open-drain status pin, PGOOD,
which is pulled low when VFB is within ±10% of the 1.00V
regulation voltage. The PGOOD pin is allowed to be pulled
up by an external resistor to INTVCC or an external voltage
source of up to 6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com