Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4449
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 12Page - Linear Technology LTC4449 Datasheet HTML 13Page - Linear Technology LTC4449 Datasheet HTML 14Page - Linear Technology LTC4449 Datasheet HTML 15Page - Linear Technology LTC4449 Datasheet HTML 16Page - Linear Technology LTC4449 Datasheet HTML 17Page - Linear Technology LTC4449 Datasheet HTML 18Page - Linear Technology LTC4449 Datasheet HTML 19Page - Linear Technology LTC4449 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LTC3774
16
3774fc
For more information www.linear.com/LTC3774
APPLICATIONS INFORMATION
The LTC3774 could also be used like any typical current
mode controller by disabling the SNSD+ pin, shorting it
to ground. An RSENSE resistor or a RC filter can be used
to sense the output inductor signal and connects to the
SNSA+ pin. If the RC filter is used, its time constant,
R • C, is equaled to L/DCR of the output inductor. In these
applications, the current limit, VSENSE (MAX), will be five
times larger for the specified ILIM, and the operating
voltage range of SNSA+ and SNS– is from 0V to 5.25V.
Inductor DCR Sensing
The LTC3774 is specifically designed for high load current
applications requiring the highest possible efficiency; it is
capable of sensing the signal of an inductor DCR in the
sub milliohm range (Figure 4). The DCR is the DC winding
resistanceoftheinductor’scopper,whichisoftenlessthan
1mΩ for high current inductors. In high current and low
output voltage applications, a conduction loss of a high
DCR or a sense resistor will cause a significant reduction
in power efficiency. For a specific output requirement,
chose the inductor with the DCR that satisfies the maxi-
mum desirable sense voltage, and uses the relationship
of the sense pin filters to output inductor characteristics
as depicted below.
DCR =
VSENSE(MAX)
IMAX +
∆IL
2
L/DCR = R1• C1 = 5 • R2 • C2
where:
VSENSE(MAX): Maximum sense voltage for a given ILIM
threshold
IMAX: Maximum load current
∆IL: Inductor ripple current
L, DCR: Output inductor characteristics
R1•C1: Filter time constant of the SNSD+ pin
R2•C2: Filter time constant of the SNSA+ pin
Figure 4. Inductor DCR Current Sensing
VIN
VIN
PWM
ITEMP
RNTC
100k
INDUCTOR
DCR
L
SNSD+
SNSA+
SNS–
GND
LTC3774
VOUT
3774 F04
R1
C1
C2
PLACE C1, C2 NEXT TO IC
PLACE R1, R2 NEXT TO INDUCTOR
R1C1 = 5 • R2C2
RS
20k
RITEMP
RP
43.2k
R2
LTC4449
5V
VLOGIC
VCC
IN
BOOST
TG
TS
BG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com