Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC4449
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 28Page - Linear Technology LTC4449 Datasheet HTML 29Page - Linear Technology LTC4449 Datasheet HTML 30Page - Linear Technology LTC4449 Datasheet HTML 31Page - Linear Technology LTC4449 Datasheet HTML 32Page - Linear Technology LTC4449 Datasheet HTML 33Page - Linear Technology LTC4449 Datasheet HTML 34Page - Linear Technology LTC4449 Datasheet HTML 35Page - Linear Technology LTC4449 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LTC3774
32
3774fc
For more information www.linear.com/LTC3774
The maximum DCR of the inductor is 0.34mΩ. The
VSENSE(MAX) is calculated as:
VSENSE(MAX) = IPEAK • DCRMAX = 12mV
The current limit is chosen to be 15mV. If temperature
variation is considered, please refer to Inductor DCR
SensingTemperatureCompensationwithNTCThermistor.
The power dissipation on the topside MOSFET can be
easily estimated. Choosing an Infineon BSC050NE2LS
MOSFET results in: RDS(ON) = 7.1mΩ (max), VMILLER =
2.8V, CMILLER ≅ 108pF. At maximum input voltage with
TJ (estimated) = 75°C:
PMAIN =
1.5V
20V
30A
(
)
2 1+(0.005)(75°C – 25°C)
[
] •
0.0071Ω
(
)+ 20V
(
)
2 30A
2
⎛
⎝
⎜
⎞
⎠
⎟ 2Ω
( ) 108pF
(
) •
1
5.5V – 2.8V
+
1
2.8V
⎡
⎣⎢
⎤
⎦⎥
400kHz
(
)
= 599mW + 377mW
= 976mW / phase
For a 0.32mΩ DCR, a short-circuit to ground will result
in a folded back current of:
ISC =
1/ 3
(
)15mV
0.00032Ω
– 1
2
90ns(20V)
0.33µH
⎛
⎝
⎜
⎞
⎠
⎟ = 12.9A / phase
An Infineon BSC010NE2LS, RDS(ON) = 1.1mΩ, is chosen
for the bottom FET. The resulting power loss is:
PSYNC =
20V – 1.5V
20V
30A
(
)
2 •
1+ 0.005
(
) • 75°C – 25°C
(
)
⎡⎣
⎤⎦• 0.0011Ω
PSYNC = 1.14W/phase
CIN is chosen for an equivalent RMS current rating of at
least 13.7A. COUT is chosen with an equivalent ESR of
4.5mΩ for low output ripple. The output ripple in continu-
ous mode will be highest at the maximum input voltage.
The output voltage ripple due to ESR is approximately:
VORIPPLE = RESR (∆IL) = 0.0045Ω • 10A = 45mVP-P
Further reductions in output voltage ripple can be made
by placing a 100µF ceramic capacitor across COUT.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com