Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4449
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 20Page - Linear Technology LTC4449 Datasheet HTML 21Page - Linear Technology LTC4449 Datasheet HTML 22Page - Linear Technology LTC4449 Datasheet HTML 23Page - Linear Technology LTC4449 Datasheet HTML 24Page - Linear Technology LTC4449 Datasheet HTML 25Page - Linear Technology LTC4449 Datasheet HTML 26Page - Linear Technology LTC4449 Datasheet HTML 27Page - Linear Technology LTC4449 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
LTC3774
24
3774fc
For more information www.linear.com/LTC3774
APPLICATIONS INFORMATION
the case of tantalum, it is critical that the capacitors are
surge tested for use in switching power supplies. Several
excellent choices are the AVX TPS, AVX TPSV, the KEMET
T510 series of surface mount tantalums or the Panasonic
SP series of surface mount special polymer capacitors
availableincaseheightsrangingfrom2mmto4mm.Other
capacitor types include Sanyo POSCAP, Sanyo OS-CON,
Nichicon PL series and Sprague 595D series. Consult the
manufacturers for other specific recommendations.
Differential Amplifier
TheLTC3774hastrueremotevoltagesensecapability.The
sense connections should be returned from the load, back
to the differential amplifier’s inputs through a common,
tightly coupled pair of PC traces. The differential amplifier
rejects common mode signals capacitively or inductively
radiated into the feedback PC traces as well as ground
loop disturbances. The LTC3774 diffamp has high input
impedance on VOSNS+ pin. The output of the diffamp con-
nects to the inverting input of the error amplifier internally.
Setting Output Voltage
The LTC3774 output voltage is set by an external feed-
back resistive divider carefully placed across the output,
as shown in Figure 2. The regulated output voltage is
determined by:
VOUT = 0.6V • 1+
RD1
RD2
⎛
⎝
⎜
⎞
⎠
⎟
To improve the frequency response, a feedforward ca-
pacitor, CF1, may be used. Great care should be taken to
route the VOSNS+ line away from noise sources, such as
the inductor or the SW line.
To minimize the effect of the voltage drop caused by high
current flowing through board conductance; connect
VOSNS– and VOSNS+ sense lines close to the ground and
the load output respectively.
External Soft-Start and Tracking
The LTC3774 has the ability to either soft-start by itself
or track the output of another channel or external supply.
When the controller is configured to soft-start by itself, a
capacitor may be connected to its TK/SS pin or the internal
soft-start may be used. The controller is in the shutdown
state if its RUN pin voltage is below 1.22V and its TK/SS
pin is actively pulled to ground in this shutdown state. If
the RUN pin voltage is above 1.22V, the controller powers
up. A soft-start current of 1.25µA then starts to charge the
TK/SS soft-start capacitor. Note that soft-start or tracking
is achieved not by limiting the maximum output current of
the controller but by controlling the output ramp voltage
according to the ramp rate on the TK/SS pin. The soft-start
or tracking range is defined to be the voltage range from
0V to 0.6V on the TK/SS pin. The total soft-start time can
be calculated as:
tSOFTSTART = 0.6 •
CSS
1.25µA
Regardless of the mode selected by the MODE/PLLIN pin,
the controller always starts in discontinuous mode up to
TK/SS = 0.5V. Between TK/SS = 0.5V and 0.565V, it will
operate in forced continuous mode and revert to the
selected mode once TK/SS > 0.565V. The output ripple
is minimized during the 65mV forced continuous mode
window, ensuring a clean PGOOD signal. When the chan-
nel is configured to track another supply, the feedback
voltage of the other supply is duplicated by a resistor
divider and applied to the TK/SS pin. Therefore, the volt-
age ramp rate on this pin is determined by the ramp rate
of the other supply’s voltage. It is only possible to track
another supply that is slower than the internal soft-start
ramp. Note that the small soft-start capacitor charging
current is always flowing, producing a small offset error.
To minimize this error, select the tracking resistive divider
value to be small enough to make this error negligible.
In order to track down another channel or supply after
the soft-start phase expires, the LTC3774 is forced into
continuous mode of operation as soon as VOSNS+ is below
the power good lower threshold regardless of the setting
on the MODE/PLLIN pin. However, the LTC3774 should
always be set in forced continuous mode tracking down
when there is no load. After TK/SS drops below 0.1V, the
controller operates in discontinuous mode.
The LTC3774 allows the user to program how its output
ramps up and down by means of the TK/SS pin. Through
these pins, the output can be set up to either coincidentally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com