Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 38 Page - Linear Technology

Part # LTC4449
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 30Page - Linear Technology LTC4449 Datasheet HTML 31Page - Linear Technology LTC4449 Datasheet HTML 32Page - Linear Technology LTC4449 Datasheet HTML 33Page - Linear Technology LTC4449 Datasheet HTML 34Page - Linear Technology LTC4449 Datasheet HTML 35Page - Linear Technology LTC4449 Datasheet HTML 36Page - Linear Technology LTC4449 Datasheet HTML 37Page - Linear Technology LTC4449 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
LTC3774
38
3774fc
For more information www.linear.com/LTC3774
LINEAR TECHNOLOGY CORPORATION 2013
LT 0417 REV C • PRINTED IN USA
www.linear.com/LTC3774
TYPICAL APPLICATION
RELATED PARTS
Dual Phase 1.2V/30A LTC3774 Converter with Hot Swap Circuits On the Input of Each Phase
3774 TA05
RUN1, 2
VIN
INTVCC
FREQ
PHSMD
TK/SS1,2
ITEMP1,2
VOSNS1,2+
VOSNS1,2–
ITH1,2
ILIM1,2
ON1
CLS
GND
ON2
FTMR1
FAULT1
FAULT2
FTMR2
SNSD1+
SNS1–
SNSA1+
PGOOD1
PGOOD2
SNSA2+
SNS2–
SNSD2+
CLKOUT
MODE/PLLIN
LTC3774
LTC4226
64.9k
10k
0.007
FDMS86500DC
D17
CMHZ4690
0.007
FDMS86500DC
PWM2
HIZB2
PWMEN2
PWM1
HIZB1
HIZB1
HIZB2
1µF
PWMEN1
GND
4.7µF
10k
0.1µF
37.4k
330pF
L1, L2: WÜRTH 744301033
COUTCER1,2: MURATA GRM31CR60J107ME39L
COUTBLK: SANYO 2R5TPE330M9
3.01k
2.2k
3.3nF
10k
10k
10k
100pF
22µF
25V
VIN
10V TO 14V
150µF
25V
2×
5VBIAS
VIN1
VIN2
+
30.1k
100pF
2.4M
CMHZ4690
1N4448HWT
1N4448HWT
PWM
VIN
BOOT
PHASE
VSWH
FDMF6820
DrMOS
5V BIAS
1Ω
0.22µF
L4
0.33µH
2.2µF
22µF
25V
2×
2.2µF
0.22µF
0.22µF
0.22µF
0.22µF
931Ω
4.64k
931Ω
4.64k
PWM
VIN
BOOT
PHASE
VSWH
FDMF6820
DrMOS
5V BIAS
1Ω
0.22µF
2.2µF
22µF
25V
2×
2.2µF
COUTCER1
100µF
6.3V
2×
COUTCER1
330µF
2.5V
6×
VOUT
1.2V/30A
L3
0.33µH
COUTCER2
100µF
6.3V
2×
+
1N4448HWT
1N4448HWT
1µF
10k
VIN1
VIN2
37.4k
PART NUMBER
DESCRIPTION
COMMENTS
LTM4630
LTM4630-1A
LTM4630-1B
Dual 18A or Single 36A DC/DC μModule Regulator
4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V
±1.5% Max VOUT Error Over Line, Load and Temp
–1A Version: ±0.8% Max VOUT Error Over Line, Load and Temp
LTC3887
Dual Output Multiphase Step-Down DC/DC Controller with
Digital Power System Management and ±0.5% Accuracy
4.5V≤ VIN ≤ 24V, 0.5V ≤ VOUT ≤ 5.5V, Analog Control Loop,
70ms Start-Up, I2C/PMBus Interface with EEPROM and 16-bit ADC
LTC3875
Dual, Multiphase Synchronous Controller with
Sub Milliohm DCR Sensing and Temperature Compensation
4.75V≤ VIN ≤ 38V, 0.6V ≤ VOUT ≤ 3.5V/5V
Excellent Current Share when Paralleled
LTC3861
Dual, Multiphase, Synchronous Step-Down DC/DC Controller
with Diff Amp and Tri-State Output Drive
Operates with Power Blocks, DrMOS or
External MOSFETs 3V≤ VIN ≤ 24V
LTC3855
Dual Output, 2-phase, Synchronous Step-Down DC/DC
Controller with Diff Amp and DCR Temperature Compensation
4.5V≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 12V
PLL Fixed Frequency 250kHz to 770kHz,
LTC3856
Single Output 2-Phase Synchronous Step-Down DC/DC
Controller with Diff Amp and DCR Temperature Compensation
4.5V≤ VIN ≤ 38V, 0.8V≤ VOUT ≤ 5V
PLL Fixed 250kHz to 770kHz Frequency
LTC3838
Dual Output, 2-phase, Synchronous Step-Down DC/DC
Controller with Diff Amp and Controlled On-Time
4.5V≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 5.5V
PLL, Up to 2MHz Switching Frequency
LTC3869/
LTC3869-2
Dual Output, 2-Phase Synchronous Step-Down DC/DC
Controller, with Accurate Current Share
4V≤ VIN ≤ 38V, VOUT3 up to 12.5V
PLL Fixed 250kHz to 750kHz Frequency
LTC4449
High Speed Synchronous N-Channel MOSFET Driver
VIN up to 38V, 4V ≤ VCC ≤ 6.5V Adaptive
Shoot-Through Protection, 2mm x 3mm DFN-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com