Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8705 Datasheet(PDF) 9 Page - Linear Technology

Part # LT8705
Description  Low IQ, 60V Synchronous BoostBuck Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT8705 Datasheet HTML 5Page - Linear Technology LT8705 Datasheet HTML 6Page - Linear Technology LT8705 Datasheet HTML 7Page - Linear Technology LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology LT8705 Datasheet HTML 10Page - Linear Technology LT8705 Datasheet HTML 11Page - Linear Technology LT8705 Datasheet HTML 12Page - Linear Technology LT8705 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
LTC7813
9
7813f
For more information www.linear.com/LTC7813
Typical perForMance characTerisTics
Buck Foldback Current Limit
Oscillator Frequency vs
Temperature
Undervoltage Lockout Threshold
vs Temperature
BOOST2 Charge Pump Charging
Current vs Frequency
BOOST2 Charge Pump Charging
Current vs Switch Voltage
Shutdown Current vs Temperature
Shutdown Current vs
Input Voltage
BOOST2 Charge Pump Output
Voltage vs SW2 Voltage
Quiescent Current vs Temperature
TEMPERATURE (°C)
-75
8
7
6
3
5
2
1
4
0
-25
25
-50
0
75 100
7813 G28
150
50
125
VBIAS = 12V
VBIAS INPUT VOLTAGE (V)
0
14
12
6
10
4
2
8
0
20
40
10
30
60
7813 G29
65
50
5
25
45
15
35
55
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
10
20
30
40
50
60
70
80
7813 G30
VBIAS = 12V
ONE CHANNEL ON
Burst Mode OPERATION
DRVSET = 70kΩ
DRVSET = INTVCC
DRVSET = GND
TEMPERATURE (°C)
-75
600
500
550
450
350
400
300
-25
25
-50
0
75 100
7813 G32
150
50
125
FREQ = INTVCC
FREQ = GND
TEMPERATURE (°C)
-75
8
5
5.5
4.5
3.5
4
7
7.5
6.5
6
3
-25
25
-50
0
75 100
7813 G33
150
50
125
RISING
RISING
FALLING
FALLING
DRVUV = INTVCC
DRVUV = GND
SW2 VOLTAGE (V)
5
10
2
8
6
4
9
7
5
3
0
1
65
25
45
55
15
35
60
20
40
50
10
30
150°C
25°C
–55°C
FREQ = 350kHz
10M LOAD BETWEEN BOOST2 AND SW2
7813 G34
OPERATING FREQUENCY (kHz)
100
100
90
70
80
60
30
50
20
10
40
0
200
400
300
600 700
7813 G35
800
500
VBOOST2 = 16.5V
VSW2 = 12V
–55°C
150°C
25°C
SW2 VOLTAGE (V)
0 5
120
90
100
110
80
50
20
70
40
60
30
10
0
65
25
45
55
15
35
60
20
40
50
10
30
7813 G36
VBOOST2 – VSW2 = 4.5V
–55°C
–55°C
150°C
25°C
150°C
VBOOST2 – VSW2 = 7.0V
25°C
FREQ = 350kHz
VFB1 FEEDBACK VOLTAGE (mV)
0
100
90
50
30
70
10
0
80
40
60
20
7813 G31
800
400
300
100
600 700
200
500
ILIM = INTVCC
ILIM = FLOAT
ILIM = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com