Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8705 Datasheet(PDF) 34 Page - Linear Technology

Part # LT8705
Description  Low IQ, 60V Synchronous BoostBuck Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 34 Page - Linear Technology

Back Button LT8705 Datasheet HTML 30Page - Linear Technology LT8705 Datasheet HTML 31Page - Linear Technology LT8705 Datasheet HTML 32Page - Linear Technology LT8705 Datasheet HTML 33Page - Linear Technology LT8705 Datasheet HTML 34Page - Linear Technology LT8705 Datasheet HTML 35Page - Linear Technology LT8705 Datasheet HTML 36Page - Linear Technology LT8705 Datasheet HTML 37Page - Linear Technology LT8705 Datasheet HTML 38Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
LTC7813
34
7813f
For more information www.linear.com/LTC7813
applicaTions inForMaTion
Compensation and VMID Capacitance in a Cascaded
Boost+Buck Regulator
When using the LTC7813 as a cascaded Boost+Buck
regulator, the boost and buck regulator control loops are
compensated individually. While this may seem more
complicated, this is actually advantageous, as the inher-
ently fast buck loop can be designed to handle the output
load transient, while the boost loop is less important and
can be slower.
TheamountofcapacitanceneededontheintermediateVMID
node (boost output) and the buck output VOUTdepends on
a number of factors, including the input voltage, output
voltage, load current and the nature of any transients,
and the mode of operation (Burst Mode operation, forced
continuous mode, or pulse-skipping mode).
In general, the buck regulator should be designed to
handle any output load transients and provide sufficiently
low output ripple.
The boost regulator does not need to respond as fast, as
the VMID node can tolerate relatively high ripple and/or
transient dips and therefore does not necessarily need a
lot of capacitance. The VMID node capacitance needs to
be able to handle the input ripple current from the buck
regulator. It also needs to be large enough that the boost
regulator’s voltage ripple and/or transient dips do not ap-
pear as significant input line steps to the buck regulator
and feed through to the buck regulator’s output.
The ripple on the VMIDnodeishigherinBurstModeopera-
tion and pulse-skipping mode than in forced continuous
mode, especially at light loads and/or if the input voltage
isslightlybelowtheregulatedboostoutput(VMID)voltage.
Thus, Burst Mode operation and pulse-skipping mode
generally require more VMID capacitance than in forced
continuous mode to maintain a similar amount of ripple.
The capacitance on the VMID node can be all ceramic, or
some combination of ceramic and polarized (tantalum,
electrolytic, etc.) capacitors.
Choosing the VMID Voltage in Cascaded Boost+Buck
Regulator
There are many performance trade-offs when considering
where to set the VMID (boost output) regulation voltage
(VMID_REG) relative to the input voltage (VIN) range and
output (buck) regulation voltage (VOUT_REG). These trade-
offsincludeefficiency,quiescentcurrent,switchingnoise/
EMI, and voltage ripple.
Remember that VMID will follow VIN if VIN > VMID_REG
(see the Boost Controller Operation When VIN > VOUT
section in the Operation section). If VIN < VMID_REG, VMID
is regulated to VMID_REG.
Consider as an example an automotive application that
requires a regulated 12V output voltage generated from a
vehicle battery. The battery spends most of its operating
lifetime in a normal range of 10V to 16V, but may dip to
as low as 2.5V during engine start and rise as high as 38V
during high voltage transients.
We can designate the minimum normal operating voltage
as VIN_MIN_OP = 10V, and the maximum normal operating
voltage as VIN_MAX_OP = 16V. So what voltage should we
choose for VMID_REG?
REGULATED OUTPUT VOLTAGE
Inthisexample,notethatwewantatightlyregulatedoutput
(VOUT_REG =12V), which is within our normal operating
range (VIN_MIN_OP < VOUT_REG < VIN_MAX_OP). We want
VMID_REG > VOUT_REG to provide headroom for the buck
regulator, but we have a choice of whether to set VMID_REG
above or below VIN_MAX_OP.
OPTION A: VMID_REG > VOUT_REG and VMID_REG >
VIN_MAX_OP
In this option, we set VMID_REG > VIN_MAX_OP (e.g.,
VMID_REG =18V). Both the boost regulator and the buck
regulator are switching (at full, constant frequency if in
forced continuous mode) over the full 10V to 16V nor-
mal operating range. Since the boost regulator is always
switching, the efficiency is lower and the input ripple and
EMI, while predictable and still low, are higher than other
potential options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com