Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8705 Datasheet(PDF) 19 Page - Linear Technology

Part # LT8705
Description  Low IQ, 60V Synchronous BoostBuck Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT8705 Datasheet HTML 15Page - Linear Technology LT8705 Datasheet HTML 16Page - Linear Technology LT8705 Datasheet HTML 17Page - Linear Technology LT8705 Datasheet HTML 18Page - Linear Technology LT8705 Datasheet HTML 19Page - Linear Technology LT8705 Datasheet HTML 20Page - Linear Technology LT8705 Datasheet HTML 21Page - Linear Technology LT8705 Datasheet HTML 22Page - Linear Technology LT8705 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
LTC7813
19
7813f
For more information www.linear.com/LTC7813
applicaTions inForMaTion
Low Value Resistor Current Sensing
A typical sensing circuit using a discrete resistor is shown
in Figure 2a. RSENSE is chosen based on the required
output current.
The current comparators have a maximum threshold
VSENSE(MAX) of 50mV, 75mV or 100mV. The current
comparator threshold voltage sets the peak of the induc-
tor current, yielding a maximum average output current,
IMAX, equal to the peak value less half the peak-to-peak
ripple current, ∆IL. To calculate the sense resistor value,
use the equation:
RSENSE =
VSENSE(MAX)
IMAX +
∆IL
2
When using the buck controller in very low dropout condi-
tions, the maximum output current level will be reduced
due to the internal compensation required to meet stability
criteria for buck regulators operating at greater than 50%
duty factor. A curve is provided in the Typical Performance
Characteristics section to estimate this reduction in peak
inductorcurrentdependingupontheoperatingdutyfactor.
Inductor DCR Sensing
For applications requiring the highest possible efficiency
at high load currents, the LTC7813 is capable of sensing
the voltage drop across the inductor DCR, as shown in
Figure 2b. The DCR of the inductor represents the small
amount of DC winding resistance of the copper, which
can be less than 1mΩ for today’s low value, high current
inductors. In a high current application requiring such
an inductor, power loss through a sense resistor would
cost several points of efficiency compared to inductor
DCR sensing.
7813 F01
TO SENSE FILTER
NEXT TO THE CONTROLLER
INDUCTOR OR RSENSE
CURRENT FLOW
Figure 1. Sense Lines Placement with Inductor or Sense Resistor
Figure 2. Current Sensing Methods
7813 F02a
LTC7813
BOOST
TG
SW
BG
SENSE1+
(SENSE2–)
SENSE1–
(SENSE2+)
GND
VIN1
(VOUT2)
VOUT1
(VIN2)
RSENSE
CAP
PLACED NEAR SENSE PINS
7813 F02b
LTC7813
BOOST
TG
SW
BG
SENSE1+
(SENSE2–)
SENSE1–
(SENSE2+)
GND
VIN1
(VOUT2)
VOUT1
(VIN2)
C1*
R2
*PLACE C1 NEAR SENSE PINS RSENSE(EQ) = DCR(R2/(R1+R2))
L
DCR
INDUCTOR
R1
(R1||R2) • C1 = L/DCR
(2a) Using a Resistor to Sense Current
(2b) Using the Inductor DCR to Sense Current
If the external (R1||R2) • C1 time constant is chosen to be
exactly equal to the L/DCR time constant, the voltage drop
across the external capacitor is equal to the drop across
theinductorDCRmultipliedbyR2/(R1+R2).R2scalesthe
voltage across the sense terminals for applications where
the DCR is greater than the target sense resistor value.
To properly dimension the external filter components, the
DCR of the inductor must be known. It can be measured
using a good RLC meter, but the DCR tolerance is not
always the same and varies with temperature; consult
the manufacturers’ data sheets for detailed information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com