Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8705 Datasheet(PDF) 24 Page - Linear Technology

Part # LT8705
Description  Low IQ, 60V Synchronous BoostBuck Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT8705 Datasheet HTML 20Page - Linear Technology LT8705 Datasheet HTML 21Page - Linear Technology LT8705 Datasheet HTML 22Page - Linear Technology LT8705 Datasheet HTML 23Page - Linear Technology LT8705 Datasheet HTML 24Page - Linear Technology LT8705 Datasheet HTML 25Page - Linear Technology LT8705 Datasheet HTML 26Page - Linear Technology LT8705 Datasheet HTML 27Page - Linear Technology LT8705 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
LTC7813
24
7813f
For more information www.linear.com/LTC7813
applicaTions inForMaTion
voltageinthismode.TyingVPRG2toINTVCCprogramsthe
boost output to 12V, whereas floating VPRG2 programs
the output to 10V.
7813 F04a
LTC7813
VFB2
VPRG2
GND
RB
CFF
RA
VOUT2
(4a) Setting Boost Output Using External Resistors
7813 F04b
LTC7813
(4b) Setting Boost to Fixed 12V/10V Output
VFB2
VPRG2
INTVCC/FLOAT
COUT
VOUT2
12V/10V
Figure 4. Setting Boost Output Voltage
RUN Pins
The LTC7813 is enabled using the RUN1 and RUN2 pins.
The RUN pins have a rising threshold of 1.275V with
75mV of hysteresis. Pulling a RUN pin below 1.2V shuts
down the main control loop for that channel. Pulling all
three RUN pins below 0.7V disables the controllers and
most internal circuits, including the DRVCC and INTVCC
LDOs. In this state, the LTC7813 draws only 3.6µA of
quiescent current.
Releasing a RUN pin allows a small 150nA internal current
to pull up the pin to enable that controller. Because of
condensation or other small board leakage pulling the pin
down,itisrecommendedtheRUNpinsbeexternallypulled
up or driven directly by logic. Each RUN pin can tolerate
up to 65V (absolute maximum), so it can be conveniently
tied to VBIAS in always-on applications where one or more
controllersareenabledcontinuouslyandnevershutdown.
The RUN pins can be implemented as a UVLO by con-
necting them to the output of an external resistor divider
network off VBIAS, as shown in Figure 5.
TherisingandfallingUVLOthresholdsarecalculatedusing
the RUN pin thresholds and pull-up current:
VUVLO(RISING) =1.275V 1+
RB
RA
⎛
⎝
⎜
⎞
⎠
⎟–150nA •RB
VUVLO(FALLING) =1.20V 1+
RB
RA
⎛
⎝
⎜
⎞
⎠
⎟–150nA •RB
Tracking and Soft-Start (TRACK/SS1 and SS2 Pins)
The start-up of each VOUT is controlled by the voltage on
the TRACK/SS pin (TRACK/SS1 for channel 1, SS2 for
channel 2). When the voltage on the TRACK/SS pin is
less than the internal 0.8V reference (1.2V reference for
the boost channel), the LTC7813 regulates the VFB pin
voltage to the voltage on the TRACK/SS pin instead of
the internal reference. The TRACK/SS pin can be used to
program an external soft-start function or to allow VOUT
to track another supply during start-up.
Soft-start is enabled by simply connecting a capacitor
from the TRACK/SS pin to ground, as shown in Figure 6.
An internal 10μA current source charges the capacitor,
providing a linear ramping voltage at the TRACK/SS pin.
The LTC7813 will regulate its feedback voltage (and hence
VOUT) according to the voltage on the TRACK/SS pin, al-
lowing VOUT to rise smoothly from 0V (VIN for the boost)
7813 F05
LTC7813
RUN
RB
RA
VBIAS
Figure 5. Using the RUN Pins as a UVLO
7813 F06
LTC7813
TRACK/SS
GND
CSS
Figure 6. Using the TRACK/SS Pin to Program Soft-Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com