Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB375X Datasheet(PDF) 22 Page - Microchip Technology

Part # USB375X
Description  USB 2.0 Protection IC with Battery Charger Detection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB375X Datasheet(HTML) 22 Page - Microchip Technology

Back Button USB375X Datasheet HTML 18Page - Microchip Technology USB375X Datasheet HTML 19Page - Microchip Technology USB375X Datasheet HTML 20Page - Microchip Technology USB375X Datasheet HTML 21Page - Microchip Technology USB375X Datasheet HTML 22Page - Microchip Technology USB375X Datasheet HTML 23Page - Microchip Technology USB375X Datasheet HTML 24Page - Microchip Technology USB375X Datasheet HTML 25Page - Microchip Technology USB375X Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
USB375x
DS00001824A-page 22
 2011 - 2014 Microchip Technology Inc.
5.0
APPLICATION NOTES
5.1
Application Diagram
TABLE 5-1:
COMPONENT VALUES IN APPLICATION DIAGRAMS
Reference
Designator
Value
Description
Notes
RPU
10 k
Ω
Pull-up required for I2C and INT_B
operation.
Pull up to I2C and INT_B power
domain on SOC.
CVBUS
1
μF to 10μF
Capacitor to ground required by the USB
Specification. Microchip recommends <1
Ω
ESR.
Place near the USB connector.
CSYS
System
dependent
System bulk capacitance
Optional. Not required for
USB375x operation.
FIGURE 5-1:
USB3750 DEVICE APPLICATION DIAGRAM
Applications
Processor
USB
Connector
DP
DM
VBUS
SHIELD
GND
USB3750
I2C_DAT
I2C_CLK
INT_B
VBUS
DP_C
DM_C
GND
CVBUS
DP_1
DM_1
DP_2
DM_2
I2C_DAT
I2C_CLK
VOUT
RPU
RPU
RPU
INT_B
VCC
USB
2.0
PHY
PMIC
Baseband
Processor
USB
2.0
PHY
CSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com