Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB375X Datasheet(PDF) 29 Page - Microchip Technology

Part # USB375X
Description  USB 2.0 Protection IC with Battery Charger Detection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB375X Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB375X Datasheet HTML 23Page - Microchip Technology USB375X Datasheet HTML 24Page - Microchip Technology USB375X Datasheet HTML 25Page - Microchip Technology USB375X Datasheet HTML 26Page - Microchip Technology USB375X Datasheet HTML 27Page - Microchip Technology USB375X Datasheet HTML 28Page - Microchip Technology USB375X Datasheet HTML 29Page - Microchip Technology USB375X Datasheet HTML 30Page - Microchip Technology USB375X Datasheet HTML 31Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
 2011 - 2014 Microchip Technology Inc.
DS00001824A-page 29
USB375x
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
XXX
Package
Device
Device:
USB3750, USB3751
Package:
A4
=
16-pin QFN
Tape and Reel
Option:
Blank
= Standard packaging (tray)
TR
= Tape and Reel(1)
Examples:
a)
USB3750A-1-A4-TR (2)
16-pin QFN, 3.0mm x 3.0mm
RoHS Compliant Package, Tape & Reel
b)
USB3751A-1-A4-TR (3)
16-pin QFN, 3.0mm x 3.0mm
RoHS Compliant Package, Tape & Reel
c)
USB3751A-2-A4-TR (4)
16-pin QFN, 3.0mm x 3.0mm
RoHS Compliant Package, Tape & Reel
[X] (1)
Tape and Reel
Option
-
Note
1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package.
Check with your Microchip Sales Office
for package availability with the Tape and
Reel option.
Reel size is 5,000.
2:
Provides HS mux and support for 100mA
dead battery current limiting.
3:
Provides support for 100mA dead battery
limiting.
4:
Does not provide support for 100mA dead
battery current limiting.
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com