Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB375X Datasheet(PDF) 1 Page - Microchip Technology

Part # USB375X
Description  USB 2.0 Protection IC with Battery Charger Detection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB375X Datasheet(HTML) 1 Page - Microchip Technology

  USB375X Datasheet HTML 1Page - Microchip Technology USB375X Datasheet HTML 2Page - Microchip Technology USB375X Datasheet HTML 3Page - Microchip Technology USB375X Datasheet HTML 4Page - Microchip Technology USB375X Datasheet HTML 5Page - Microchip Technology USB375X Datasheet HTML 6Page - Microchip Technology USB375X Datasheet HTML 7Page - Microchip Technology USB375X Datasheet HTML 8Page - Microchip Technology USB375X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
 2011 - 2014 Microchip Technology Inc.
DS00001824A-page 1
Features
• VBUS Over-Voltage Protection
- Protects internal circuits from VBUS up to 9V
- Over-Voltage/Under-Voltage Lockout opens
VBUS switch
- Interrupt to indicate Over-Voltage/Under-Volt-
age Lockout
- Integrated Low RDSON FET
• USB Port ESD Protection (DP/DM/VBUS)
- ±15kV (air discharge)
- ±15kV (contact discharge)
- IEC 61000-4-2 level 4 ESD protection without
external devices
• High Speed USB Mux for multiplexing the USB
lanes between different functions (USB3750 only)
- Switch the USB connector between two dif-
ferent functions
- High bandwidth USB switch passes HS USB
signals
• Provides USB Battery Charger Detection for:
- USB-IF Battery Charging compliant Dedi-
cated Charging Ports (DCP)
- USB-IF Battery Charging compliant Charging
Downstream Port (CDP)
- Standard Downstream Port (SDP); i.e. USB
host or downstream hub port
- Dedicated SE1 type chargers
• Dead Battery Provision Support (USB375x-1
only)
- Allows 100 mA trickle charging from VBUS
when attached to a Standard Downstream
Port (SDP) while not enumerated
- Built-in 100mA current limiting option
• Microchip RapidCharge Anywhere™ Provides:
- 3-times the charging current through a USB
port over traditional solutions
- USB-IF Battery Charging 1.2 compliance to
any portable device
- Charging current up to 1.5Amps via compati-
ble USB host or dedicated charger
- Dedicated Charging Port (DCP), Charging
(CDP) & Standard (SDP) Downstream Port
support
•flexPWR® Technology
- Extremely low current design ideal for battery
powered applications
- Maximizes power delivered to the system
• Industrial Operating Temperature -40°C to +85°C
• 16-Pin QFN RoHS compliant package; (3.0 mm x
3.0 mm x 0.9 mm height
USB375x Block Diagram
SCL
SDA
VBUS
VOUT
I
2C
Interface
INT_B
DP
DM
HS USB
Switch
DM_2
DP_2
USB 2.0 PHY,
Processor, or
Accessory
Processor
Charger
Detection
Battery
Charger/
PMU
GND
DM_1
DP_1
USB 2.0 PHY,
Processor, or
Accessory
Over-Voltage/Under-Voltage
Protection and Current
Limiting
DP
DM
VBUS
VBUS
DP
DM
VBUS
DP
DM
HS Switch is USB3750 feature only
USB375x
USB 2.0 Protection IC with Battery
Charger Detection


Similar Part No. - USB375X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB3750 MICROCHIP-USB3750 Datasheet
446Kb / 31P
USB 2.0 Protection IC with Battery
03/25/14
More results

Similar Description - USB375X

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5619M SANYO-LA5619M Datasheet
165Kb / 8P
Lead Battery Charger IC with Battery Voltage Detection Function
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
July 29, 2010
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
July 2, 2010
logo
Texas Instruments
BQ24392 TI1-BQ24392 Datasheet
708Kb / 17P
Charger Detection Device with High Speed USB Switch Battery Charger Specification v1.2
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
USB charger detection interface
18-Nov-2008
logo
Fairchild Semiconductor
FSA832 FAIRCHILD-FSA832 Datasheet
768Kb / 3P
USB 2.0 High-Speed (480 Mbps) Charger Detection IC with Isolation Switch
logo
Microchip Technology
USB3750 MICROCHIP-USB3750 Datasheet
446Kb / 31P
USB 2.0 Protection IC with Battery
03/25/14
logo
Renesas Technology Corp
ISL54227 RENESAS-ISL54227 Datasheet
1Mb / 18P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
ON Semiconductor
FSA832 ONSEMI-FSA832 Datasheet
397Kb / 11P
USB 2.0 High-Speed Charger Detection IC with Isolation Switch
August 2014 Rev. 1.0.1
logo
Diodes Incorporated
PI3USB9281 DIODES-PI3USB9281 Datasheet
404Kb / 13P
USB 2.0 Port Protection with Charger Detection
04/28/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com