Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB375X Datasheet(PDF) 8 Page - Microchip Technology

Part # USB375X
Description  USB 2.0 Protection IC with Battery Charger Detection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB375X Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB375X Datasheet HTML 4Page - Microchip Technology USB375X Datasheet HTML 5Page - Microchip Technology USB375X Datasheet HTML 6Page - Microchip Technology USB375X Datasheet HTML 7Page - Microchip Technology USB375X Datasheet HTML 8Page - Microchip Technology USB375X Datasheet HTML 9Page - Microchip Technology USB375X Datasheet HTML 10Page - Microchip Technology USB375X Datasheet HTML 11Page - Microchip Technology USB375X Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
USB375x
DS00001824A-page 8
 2011 - 2014 Microchip Technology Inc.
Note 1: The device’s Data Contact Detect Timeout (TDCD_TOUT) parameter does not conform to the USB Battery
Charging Specification’s TDCD_TOUT minimum of 300 ms. However, this will not affect other factors in char-
ger detection.
Data Connect Detect Current
Source
IDP_SRC
713
uA
Data Sink Current
IDAT_SINK
50
150
uA
DP/DM Single Ended RX
Threshold
VSE_RX
0.8
1.95
V
4.75V < VBUS < 5.25V
SE1 High Current Charger RX
Threshold
VSE_RXH
2.1
2.56
V
4.75V < VBUS < 5.25V
DP/DM Pull Down Resistors
RPD
14.25
24.8
Kohm
USB Mux Characteristics (USB3750 Only)
USB Mux On Resistance
RON_USB
10
ohm
0V < Vin < 3.3V
2.5
0V < Vin < 0.4V
USB Mux Off Leakage
IOFF_USB
0.85
uA
0V < Vin < 3.3V
On Capacitance
CON_USB
9pF
Off Capacitance
COFF_USB
6.5
pF
Off Isolation
-35
dB
RL = 50 ohm, F = 250MHz
Crosstalk
-40
dB
RL = 50 ohm, F = 250MHz
Bandwidth (-3dB)
BW
1000
MHz
RL = 50 ohm, CL = 0pF
800
RL = 50 ohm, CL = 5pF
500
RL = 50 ohm, CL = 10pF
Control Signal Characteristics
Input Logic High Threshold
VIN_H
1.4
V
VBUS > UVLO
Input Logic Low Threshold
VIN_L
0.4
V
VBUS > UVLO
Output Drive Strength
VOUT_L
0.4
V
VBUS > UVLO, 4.0mA sink
current
Control Signal Leakage Current
1
nA
0 < Vpin < VOUT
Timing Characteristics
Clock Accuracy
TCLK
0.5
1
2
ms
Oscillator Accuracy
Soft POR Reset Time
TSOFT_POR
20
ms
Time to autoclear Soft POR.
UVLO and OVLO Release Timer TVLO_ RELEASE 36.5
ms
UVLO and OVLO Engage Time TVLO_ ENGAGE 0.5
1.7
ms
Data Contact Detect Timeout
TDCD_TOUT
40
150
ms
See Note 1
Vdat_src and Idat_sink Enable
Time
TVDPSRC_ON
40
80
160
ms
Delay from Vdat_det to OVP
switch enable
TVDPSRC_HICR
NT
40
80
160
ms
SE1 Charger Detection wait for
SE1 timer
TCD_SE1
40
80
160
ms
Interrupt Self Clear Timer
TINT
0.5
1
2
ms
TABLE 3-2:
ELECTRICAL SPECIFICATIONS (CONTINUED)
Characteristic
Symbol
MIN
TYP
MAX
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com