Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1963 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1963 Datasheet HTML 4Page - Linear Technology LT1963 Datasheet HTML 5Page - Linear Technology LT1963 Datasheet HTML 6Page - Linear Technology LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology LT1963 Datasheet HTML 10Page - Linear Technology LT1963 Datasheet HTML 11Page - Linear Technology LT1963 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LT3089
8
3089f
For more information www.linear.com/LT3089
Noise Spectral Density
10Hz to 100kHz
Output Voltage Noise
Ripple Rejection (1MHz)
TYPICAL PERFORMANCE CHARACTERISTICS T
J = 25°C unless otherwise specified.
Ripple Rejection
VIN = VOUT(NOMINAL) + 2V
RIPPLE = 500mVP–P
f = 1MHz
ILOAD = 100mA
COUT = 2.2µF
CSET = 0.1µF
TEMPERATURE (°C)
–75 –50 –25 0 25 50 75 100 125 150 175
35
37
39
41
43
45
Ripple Rejection (1MHz)
3089 G36
ILOAD = 800mA
CLOAD = 2.2µF
10kHz
100kHz
1MHz
INPUT–TO–OUTPUT DIFFERENTIAL VOLTAGE (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
10
20
30
40
50
60
70
80
90
3089 G37
FREQUENCY (Hz)
10
10
100
1000
1
10
100
1k
100
10k
100k
3089 G38
CSET = 0.1µF
COUT = 4.7µF
ILOAD = 800mA
NOISE INDEPENDENT
OF OUTPUT VOLTAGE
1ms/DIV
VOUT
100µV/DIV
3089 G39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com