Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1963 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 5 Page - Linear Technology

  LT1963 Datasheet HTML 1Page - Linear Technology LT1963 Datasheet HTML 2Page - Linear Technology LT1963 Datasheet HTML 3Page - Linear Technology LT1963 Datasheet HTML 4Page - Linear Technology LT1963 Datasheet HTML 5Page - Linear Technology LT1963 Datasheet HTML 6Page - Linear Technology LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT3089
5
3089f
For more information www.linear.com/LT3089
Programmable Current Limit
Programmable Current Limit
Programmable Current Limit
TEMP Pin Current
IMON Pin Current
Dropout Voltage
Internal Current Limit
Internal Current Limit
TYPICAL PERFORMANCE CHARACTERISTICS T
J = 25°C unless otherwise specified.
IMON Pin Line Regulation
ILOAD = 3mA
ILOAD = 800mA
TEMPERATURE (°C)
–75 –50 –25 0 25 50 75 100 125 150 175
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
3089 G10
VIN = 7V
VOUT = 0V
TEMPERATURE (°C)
–75 –50 –25 0 25 50 75 100 125 150 175
0
0.25
0.50
0.75
1.00
1.25
1.50
Internal Current Limit
3089 G11
INPUT–TO–OUTPUT DIFFERENTIAL (V)
0
6
12
18
24
30
36
0
0.2
0.4
0.6
0.8
1.0
1.2
Internal Current Limit
3089 G12
RILIM = 4.53k
RILIM = 3.01k
RILIM = 1.50k
VIN = 7V
VOUT = 0V
TEMPERATURE (°C)
–75 –50 –25 0 25 50 75 100 125 150 175
0
0.2
0.4
0.6
0.8
1.0
Programmable Current Limit
3089 G13
TJ = 25°C
VIN = 7V
VOUT = 0V
RILIM (kΩ)
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1.0
1.2
Programmable Current Limit
3089 G14
RILIM
1.50k
RILIM
3.01k
RSET = 20k
TJ = 25°C
RILIM
4.53k
OUTPUT CURRENT (A)
0
0.25
0.50
0.75
1
0
0.2
0.4
0.95
1.00
1.05
Programmable Current Limit
3089 G15
TEMPERATURE (°C)
–75 –50 –25 0 25 50 75 100 125 150 175
0
20
40
60
80
100
120
140
160
TEMP Pin Current
3089 G16
LOAD CURRENT (A)
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
0
20
40
60
80
100
120
140
160
180
200
MON
3089 G17
ILOAD = 100mA
INPUT–TO–OUTPUT DIFFERENTIAL VOLTAGE (V)
0
6
12
18
24
30
36
0
5
10
15
20
25
IMON Pin Line Regulation
3089 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com