Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1963 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology LT1963 Datasheet HTML 10Page - Linear Technology LT1963 Datasheet HTML 11Page - Linear Technology LT1963 Datasheet HTML 12Page - Linear Technology LT1963 Datasheet HTML 13Page - Linear Technology LT1963 Datasheet HTML 14Page - Linear Technology LT1963 Datasheet HTML 15Page - Linear Technology LT1963 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LT3089
12
3089f
For more information www.linear.com/LT3089
APPLICATIONS INFORMATION
Again, the lower current levels used in the LT3089 neces-
sitate attention to board leakages as error sources (see the
Programming Linear Regulator Output Voltage section).
In a current source configuration, programmable cur-
rent limit and current monitoring functions are often
unused. When not used, tie IMON to OUT and leave ILIM
open. The TEMP pin is still available for use, if unused tie
TEMP to OUT.
Selecting RSET and ROUT in Current Source Applications
In Figure 3, both resistors RSET and ROUT program the
value of the output current. The question now arises: the
ratio of these resistors is known, but what value should
each resistor be?
ThefirstresistortoselectisRSET.Thevalueselectedshould
generate enough voltage to minimize the error caused by
the offset between the SET and OUT pins. A reasonable
startinglevelis~200mVofvoltageacrossRSET(RSETequal
to 4.02k). Resultant errors due to offset voltage are a few
percent. The lower the voltage across RSET becomes, the
higher the error term due to the offset.
From this point, selecting ROUT is easy, as it is a straight-
forwardcalculationfromRSET.Takenote,however,resistor
errors must be accounted for as well. While larger voltage
drops across RSET minimize the error due to offset, they
also increase the required operating headroom.
Obtainingthebesttemperaturecoefficientdoesnotrequire
the use of expensive resistors with low ppm temperature
coefficients.Instead,sincetheoutputcurrentoftheLT3089
is determined by the ratio of RSET to ROUT, those resis-
tors should have matching temperature characteristics.
Less expensive resistors made from the same material
provide matching temperature coefficients. See resistor
manufacturers’ data sheets for more details.
Higher output currents necessitate the use of higher watt-
age resistors for ROUT. There may be a difference between
the resistors used for ROUT and RSET. A better method to
maintain consistency in resistors is to use multiple resis-
tors in parallel to create ROUT, allowing the same wattage
and type of resistor as RSET.
Programming Current Limit Externally
A resistor placed between ILIM and OUT on the LT3089
externallysetscurrentlimittoalevellowerthantheinternal
current limit. Connect this resistor directly at the OUT pins
for best accuracy. The value of this resistor calculates as:
RILIM = ILIMIT/175mA/kΩ + 300Ω
Theresistorfora0.5Acurrentlimitis:RILIM=0.5A/175mA/
kΩ + 300Ω = 3.16k. Tolerance over temperature is ±15%,
so current limit is normally set 20% above maximum load
current. The 300Ω offset resistance built in to the pro-
grammable current limit allows for lowering the maximum
outputcurrenttoonlybiascurrents(seecurveofMinimum
Load Current in Typical Performance Characteristics) us-
ing external switches.
The LT3089’s internal current limit overrides the pro-
grammed current limit if the input-to-output voltage dif-
ferential in the power transistor is excessive. The internal
currentlimitis≈1Awithafoldbackcharacteristicdependent
on input-to-output differential voltage, not output voltage
per se (see Typical Performance Characteristics).
Stability and Input Capacitance
The LT3089 does not require an input capacitor to main-
tain stability. Input capacitors are recommended in linear
regulator configurations to provide a low impedance input
source to the LT3089. If using an input capacitor, low
ESR, ceramic input bypass capacitors are acceptable for
applications without long input leads. However, applica-
tions connecting a power supply to an LT3089 circuit’s
IN and GND pins with long input wires combined with
low ESR, ceramic input capacitors are prone to voltage
spikes, reliability concerns and application-specific board
oscillations. The input wire inductance found in many
battery-powered applications, combined with the low ESR
ceramic input capacitor, forms a high Q LC resonant tank
circuit. In some instances this resonant frequency beats
against the output current dependent LDO bandwidth and
interferes with proper operation. Simple circuit modifica-
tions/solutions are then required. This behavior is not
indicative of LT3089 instability, but is a common ceramic
input bypass capacitor application issue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com