Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1963 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1963 Datasheet HTML 18Page - Linear Technology LT1963 Datasheet HTML 19Page - Linear Technology LT1963 Datasheet HTML 20Page - Linear Technology LT1963 Datasheet HTML 21Page - Linear Technology LT1963 Datasheet HTML 22Page - Linear Technology LT1963 Datasheet HTML 23Page - Linear Technology LT1963 Datasheet HTML 24Page - Linear Technology LT1963 Datasheet HTML 25Page - Linear Technology LT1963 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LT3089
22
3089f
For more information www.linear.com/LT3089
TYPICAL APPLICATIONS
Load Sharing Without Ballast Resistors
Load Current Sharing Without Ballasting
IN
22µF
20k
OUT
VIN
3V TO 18V
IMON
SET
LT3089
0.1µF
22µF
1k
5.1k
IN
20k
OUT
IMON
SET
LT3089
100k
0.47µF
5.1k
5.1k
0.1µF
1k
IN
OUT
IMON
SET
LT3089
–
+
20k
VOUT
1V
2.4A
100k
0.47µF
5.1k
0.1µF
1k
3089 TA04
–
+
1/2 LT1638
1/2 LT1638
IN
4.7µF
20k
OUT
VIN
3V TO 36V
IMON
SET
ILIM
LT3089
0.1µF
2.2µF
VOUT
1V
1.6A
0.1µF
3089 TA05
100
1k
1k
20k
= 2N3904
OUT
IN
IMON
SET
ILIM
LT3089



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com