Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3753 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3753
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3753 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3753 Datasheet HTML 5Page - Linear Technology LT3753 Datasheet HTML 6Page - Linear Technology LT3753 Datasheet HTML 7Page - Linear Technology LT3753 Datasheet HTML 8Page - Linear Technology LT3753 Datasheet HTML 9Page - Linear Technology LT3753 Datasheet HTML 10Page - Linear Technology LT3753 Datasheet HTML 11Page - Linear Technology LT3753 Datasheet HTML 12Page - Linear Technology LT3753 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
LT8311
9
8311f
For more information www.linear.com/LT8311
Opto-Driver Short-Circuit Current
TYPICAL PERFORMANCE CHARACTERISTICS
INTVCC OVLO
INTVCC Current Limit and
Short-Circuit Current
CG/FG Rise/Fall Time
CG/FG Rise/Fall Time
vs INTVCC Voltage
CSW/FSW Maximum Input
Current
Opto-Driver Sink Current
INTVCC Regulation Voltage
INTVCC UVLO
TA = 25°C, unless otherwise noted.
TEMPERATURE (°C)
15
5
10
20
8311 G18
–75
–25
25
75
–50
0
125 150
50
100
TEMPERATURE (°C)
350
300
250
200
400
8311 G19
–75
–25
25
75
–50
0
125 150
50
100
TEMPERATURE (°C)
7
8
6
5
3
4
8311 G20
–75
–25
25
75
–50
0
125 150
50
100
TEMPERATURE (°C)
4.6
4.8
4.4
4.2
4.0
8311 G21
UVLO+
UVLO–
–75
–25
25
75
–50
0
125 150
50
100
TEMPERATURE (°C)
16.0
16.5
15.5
15.0
14.5
8311 G22
OVLO+
OVLO–
–75
–25
25
75
–50
0
125 150
50
100
TEMPERATURE (°C)
50
60
40
30
10
20
8311 G23
INTVCC CURRENT LIMIT
INTVCC SHORT-CIRCUIT CURRENT
–75
–25
25
75
–50
0
125 150
50
100
TEMPERATURE (°C)
30
25
20
10
15
8311 G24
FG FALL TIME
FG RISE TIME
CG FALL TIME
CG RISE TIME
–75
–25
25
75
–50
0
125 150
50
100
INTVCC ≈ 7V (NOT OVERDRIVEN)
INTVCC (V)
25.0
22.5
20.0
15.0
17.5
8311 G25
FG FALL TIME
FG RISE TIME
CG FALL TIME
CG RISE TIME
6
10
14
8
12
16
TEMPERATURE (°C)
250
240
220
230
260
8311 G26
VCSW = VFSW = 150V
–75
–25
25
75
–50
0
125 150
50
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com