Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3753 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3753
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3753 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3753 Datasheet HTML 20Page - Linear Technology LT3753 Datasheet HTML 21Page - Linear Technology LT3753 Datasheet HTML 22Page - Linear Technology LT3753 Datasheet HTML 23Page - Linear Technology LT3753 Datasheet HTML 24Page - Linear Technology LT3753 Datasheet HTML 25Page - Linear Technology LT3753 Datasheet HTML 26Page - Linear Technology LT3753 Datasheet HTML 27Page - Linear Technology LT3753 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
LT8311
24
8311f
For more information www.linear.com/LT8311
OPERATION
The PGOOD comparator has ±3% hysteresis. Therefore,
when the FB pin voltage is driven away from its regulated
value of 1.227V by ±10%, the PGOOD pin’s internal pull-
down shuts off immediately. As a result, the pin is pulled
high by an external resistor or external current source
connected to a supply voltage. The PGOOD pin’s output
can be fed to a microcontroller that make decisions based
on the state of the output voltage.
Output Overshoot Control Helps with Short-Circuit
Recovery
TheLT8311providesoutputovershootcontrolbyactivating
its soft-start pull-down amplifier (SSDOWNAMPintheBlock
Diagram) any time the FB pin voltage is less than 50%
of the FB reference voltage (1.227V). This is particularly
helpful with output voltage recovery after the removal of
a short-circuit condition or after a heavy load transient.
The SS pull-down amplifier will sink whatever current is
necessary (up to its maximum sink capability of 13mA), to
ensure that the SS pin voltage gets no higher than 100mV
abovetheFBpinvoltage.Duringoutputshort-circuitevents,
when the FB pin voltage is pulled to ground, the SS pull-
down amplifier gets activated and pulls the SS pin voltage
to 100mV above the FB pin voltage. Eventually, when the
short-circuit condition is over, the FB pin voltage gradually
rises up with the SS pin at a slew rate set by CSS and the
10µA charge current. This allows the output to recover
gradually from the short-circuit condition. Note that when
theLT8311hasitsVINpinpowereddirectlyfromtheoutput
of the forward converter, it will lose all its brains during a
short-circuit event. Under this scenario, output overshoot
control will not be in effect until the LT8311 gets brains
again, until which point, the output inductor current and
the output voltage will be controlled by the primary-side
IC’s soft-start function.
(a) Output Overshoot Control with CSS = 1nF. LT8311 VIN
Powered from a 12V Housekeeping Supply, Which Also
Pulls Up on the PGOOD Pin Through a 100k External
Resistor
(b) Output Overshoot Control with CSS = 33nF. LT8311 VIN
Powered from a 12V Housekeeping Supply, Which Also Pulls
Up on the PGOOD Pin Through a 100k External Resistor
Figure 12. Output Overshoot Control at Start-Up
PGOOD
10V/DIV
SS
500mV/DIV
FB
500mV/DIV
8311 F12a
1ms/DIV
PGOOD
10V/DIV
SS
500mV/DIV
FB
500mV/DIV
8311 F12b
2ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com