Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3753 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3753
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3753 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3753 Datasheet HTML 17Page - Linear Technology LT3753 Datasheet HTML 18Page - Linear Technology LT3753 Datasheet HTML 19Page - Linear Technology LT3753 Datasheet HTML 20Page - Linear Technology LT3753 Datasheet HTML 21Page - Linear Technology LT3753 Datasheet HTML 22Page - Linear Technology LT3753 Datasheet HTML 23Page - Linear Technology LT3753 Datasheet HTML 24Page - Linear Technology LT3753 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
LT8311
21
8311f
For more information www.linear.com/LT8311
OPTO-COUPLER CONTROL
The LT8311 offers opto-coupler control to allow output
voltagefeedbackfromthesecondarytotheprimarysideina
forwardconverter.Usedinconjunctionwithaprimary-side
IC, the entire system offers fixed frequency peak current
mode control that has excellent line/load regulation and
quick transient response.
A basic understanding of the LT8311’s opto-coupler
control scheme can be obtained by referring to Figure 8.
The LT8311 senses the output voltage through a resistor
divider (RFB1 and RFB2) connected to its FB pin. The FB
pin voltage is compared to the lower of two inputs:
• An internal voltage reference of 1.227V
• Soft-start (SS) pin
At start-up, the SS pin capacitor, CSS, is charged up by the
LT8311’s internally trimmed 10µA current source. Since
FB tracks the lower of the SS pin and the 1.227V refer-
ence, the FB pin (and by extension the output voltage) is
forced to soft-start at the slew rate set by the capacitor,
CSS, connected to the SS pin.
NOTE: To ensure that the soft-start time of the converter
is controlled by the LT8311’s SS capacitor, CSS, it is
important to program the primary IC’s soft-start faster,
to get out of the way. If this is not done, the converter’s
soft-start time will be dominated by the primary IC’s soft
start, and the LT8311 will simply adjust its SS pin voltage
and slew rate to match the slower soft start time set by
the primary-side IC.
When the SS pin voltage gets higher than the 1.227V refer-
ence, the FB pin starts to track the 1.227V reference. The
output, therefore, regulates at a voltage set by the RFB1/
RFB2 divider network, and the FB pin’s regulation voltage
of 1.227V. The SS pin capacitor continues to get charged
up by the 10µA current source until it reaches its internal
clamp voltage of 2V.
OPERATION
Figure 8. The LT8311 Provides Voltage Feedback, as Part of a Peak Current Mode Control System, in a Forward Converter
VIN
VOUT
COUT
CG
FG
•
•
LOUT
NS
NP
+
–
VC IS ALSO
REFERRED TO
AS COMP IN SOME
PRIMARY-SIDE ICs
VREF
VC
+
–
R2
R1
A3
A4
LT8311 OPTO CONTROL
1V
+
–
140k
20k
A2
COMP
1.227V
10µA
1.227V
+
+
–
2k
0.9V
FB
SS
RFB1
CPL
RFB2
CC
RC
RLOAD
CF
A1
CSS
RSNS
RD
GAIN
OPTO
8311 F08
11
14
10
9
+
–
MCG
M1
MFG
RE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com