Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3753 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3753
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3753 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3753 Datasheet HTML 15Page - Linear Technology LT3753 Datasheet HTML 16Page - Linear Technology LT3753 Datasheet HTML 17Page - Linear Technology LT3753 Datasheet HTML 18Page - Linear Technology LT3753 Datasheet HTML 19Page - Linear Technology LT3753 Datasheet HTML 20Page - Linear Technology LT3753 Datasheet HTML 21Page - Linear Technology LT3753 Datasheet HTML 22Page - Linear Technology LT3753 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
LT8311
19
8311f
For more information www.linear.com/LT8311
4. The CSP and CSN pins must not trip the internal
current comparator within a 150ns period of time
called "current sample window." This function helps
the LT8311 detect very light load conditions, dur-
ing which time it will keep synchronous conduc-
tion shut off, thereby improving system efficiency.
How the current sample window works:
Thecurrentsamplewindowexistsregardlessofwhether
MCG is turned on or not, in any given cycle. When CSW
is detected to fall below –150mV, the LT8311 starts a
blanktimeof200ns.Uponcompletionofthisblanktime,
theLT8311startsa150nscurrentsamplewindow.Ifthe
CSP/CSNpininputscausetheinternalcurrentcompara-
tor to trip during this 150ns window, the LT8311 will
interpret this as a condition of very light load, at which
point it will stop synchronous conduction and start the
evaluation period again. Please see "Configuring CSP/
CSN Inputs of Current Sense Comparator in Preactive
Mode” in the Applications Information section.
When all four conditions are valid for three continuous
CSW cycles, the evaluation period ends and the LT8311
gets ready to start switching. Switching commences with
the LT8311 turning on MCG for its minimum on-time. If
any of the four conditions listed are violated at any point
during switching activity, the LT8311 will shut down
all synchronous conduction and restart the evaluation
period.
Duringpreactivemodestart-up,theLT8311internallysoft-
starts the on-time of MCG, allowing the forward converter
to gradually transition from full cycles of nonsynchronous
MCG conduction (secondary-side current flowing through
body diode of MCG) to full cycles of synchronous MCG
conduction.
SYNC MODE SYNCHRONOUS CONTROL
SYNC mode allows the LT8311 to operate in forced con-
tinuous mode (FCM) at light loads. In SYNC mode, a pulse
transformer (see T2 in Figure 7) is required to allow the
LT8311 to receive synchronization control signals from
the primary-side IC. These control signals are interpreted
digitally (high or low) by the LT8311 to turn on/off the
catch and forward MOSFETs.
FCM operation allows the forward converter to avoid
operation in discontinuous conduction mode (DCM) at
light loads, by letting the inductor current go negative.
Hence, even at zero load, the inductor current remains
continuous and the converter runs at a fixed frequency.
MCG Turn-On/Off Timings in SYNC Mode
In SYNC mode, MCG turns on when the signal on the SYNC
pin is higher than 1.2V. MCG turns off when the signal on
the SYNC pin is lower than –1.2V.
MFG Turn-On/Off Timings in SYNC Mode
In SYNC mode, MFG turns on when the signal on the SYNC
pin is lower than –1.2V. MFG turns off when the signal on
the SYNC pin is higher than 1.2V.
The RSYNC and CSYNC time constant must be appropriately
chosen to generate a sufficient pulse width at a particular
overdrive voltage (see "Picking Pulse Transformer and
High Pass Filter" in the Applications Information section).
Typical values for CSYNC and RSYNC are 220pF and 560Ω,
respectively.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com