Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP2213 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP2213
Description  Dual Output Low Dropout Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2213 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP2213 Datasheet HTML 1Page - Vishay Siliconix SIP2213 Datasheet HTML 2Page - Vishay Siliconix SIP2213 Datasheet HTML 3Page - Vishay Siliconix SIP2213 Datasheet HTML 4Page - Vishay Siliconix SIP2213 Datasheet HTML 5Page - Vishay Siliconix SIP2213 Datasheet HTML 6Page - Vishay Siliconix SIP2213 Datasheet HTML 7Page - Vishay Siliconix SIP2213 Datasheet HTML 8Page - Vishay Siliconix SIP2213 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SiP2213
Vishay Siliconix
New Product
Document Number: 73190
S-50922—Rev. C, 09-May-05
www.vishay.com
5
TYPICAL CHARACTERISTICS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Dropout Characteristics—Output 1
Supply Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
100 mA
Dropout Characteristics—Output 2
150 mA
Supply Voltage (V)
−10
10
30
50
70
90
110
130
150
−40 −20
0
20
40
60
80
100 120 140
Dropout Voltage—Output 1
0
50
100
150
200
250
300
350
−40 −20
0
20
40
60
80
100 120 140
Temperature (_C)
Dropout Voltage—Output 2
150 mA Load
0
10
20
30
40
50
60
0
123
456
Ground Current vs. Supply Voltage
Supply Voltage (V)
0
10
20
30
40
50
60
0
20
40
60
80
100
120
140
Output 1 and 2
with 100 mA Load
Ground Current vs. Output 1 Current
Output 1 Load Current (mA)
100 mA
300 mA
Temperature (_C)
300 mA Load



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com