Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP2213 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP2213
Description  Dual Output Low Dropout Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2213 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP2213 Datasheet HTML 1Page - Vishay Siliconix SIP2213 Datasheet HTML 2Page - Vishay Siliconix SIP2213 Datasheet HTML 3Page - Vishay Siliconix SIP2213 Datasheet HTML 4Page - Vishay Siliconix SIP2213 Datasheet HTML 5Page - Vishay Siliconix SIP2213 Datasheet HTML 6Page - Vishay Siliconix SIP2213 Datasheet HTML 7Page - Vishay Siliconix SIP2213 Datasheet HTML 8Page - Vishay Siliconix SIP2213 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SiP2213
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 73190
S-50922—Rev. C, 09-May-05
ABSOLUTE MAXIMUM RATINGS
VIN, VEN, to GND
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation
MLP33-10 PowerPAKb
1600 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MLP44-16 PowerPAKc
1880 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−55 to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance
MLP33-10 PowerPAKa
50 _C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MLP44-16 PowerPAKa
43 _C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 20 mW/_C above 70_C
c.
Derate 23.5 mW/_C above 70_C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE
Input Voltage Range
2.25 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Enable Voltage Range
0 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range TA
−40 to 85_C
. . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range TJ
−40 to 125_C
. . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONS
Test Conditions Unless Specified
Limits
Parameter
Symbol
p
VIN = VOUT + 1 Vf, COUT = 1 mF, IOUT = 100 mA, TA = 25_C
Tempa
Minb
Typc Maxb
Unit
Regulators
Output Voltage Accuracy
From Nominal VOUT
Room
−1
1
%
Output Voltage Accuracy
Full
−2
2
%
Output Voltage
Temperature Coefficient
Room
40
ppm/_C
Line Regulationf
VIN = VOUT + 1 V to 5 5 V
Room
−0.3
0.2
0.3
Line Regulationf
VIN = VOUT + 1 V to 5.5 V
Full
−0.6
0.6
%
Load Regulation
IOUT = 100 mA to 150 mA (LDO 1 and 2)
Room
0.2
1.0
%
Load Regulation
IOUT = 100 mA to 300 mA (LDO 2)
Room
1.5
IOUT = 150 mA (LDO 1 and 2)
Room
120
190
Dropout Voltageg
VDROP
IOUT = 150 mA (LDO 1 and 2)
Full
250
mV
Dropout Voltageg
VDROP
IOUT = 300 mA (LDO 2)
Room
240
340
mV
IOUT = 300 mA (LDO 2)
Full
420
IOUT1 = IOUT2 = 0 mA
Room
48
65
Ground Pin Current
IG
IOUT1 = IOUT2 = 0 mA
Full
80
mA
Ground Pin Current
IG
IOUT1 = 150 mA, IOUT2 = 300 mA
Room
60
mA
VEN t 0.4 V
Full
2.0
Sequence Time Delayd
tSEQ
Room
70
ms
Output Voltage Noise
CBP = 0.01 mF
30
mVrms
Ripple Rejection
f = 1 kHz, COUT = 1 mF, CBP = 10 nF
Room
60
dB
Ripple Rejection
f = 20 kHz, COUT = 1 mF, CBP = 10 nF
Room
40
dB
Inputs
EN SW Input Voltage
VIL
Logic Low
Full
0.6
V
EN, SW Input Voltage
VIH
Logic High
Full
1.8
V
EN SW Input Current
IIL
VIL t 0.6 V
Room
−1
0.01
1
mA
EN, SW Input Current
IIH
VIH u 1.8 V
Room
−1
0.01
1
mA
SET Pin Threshold Voltage
VTH(set)
POR = High
Room
1.25
V
SET Pin Current Source
VSET = 0 V
Room
0.75
1.25
1.75
mA
Power On Reset (POR) Output
Threshold
VTHL
% of Nominal VOUT2
Room
90
%
Threshold
VTHH
% of Nominal VOUT2
Room
96
%
Output Voltage
VOL
IL = 250 mA
Room
0.02
0.1
V
Leakage Current
IPOR
POR = High
Room
−1
0.01
1
mA
Driver (DRV) Output
Output Voltage
VOL
IL = 150 mA
Full
0.2
0.6
V
Leakage Current
IDRV = 0 mA, VDRV = 5.5 V, SW = 0 V
Room
−1
0.01
1
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com