Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP2213 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP2213
Description  Dual Output Low Dropout Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2213 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP2213 Datasheet HTML 1Page - Vishay Siliconix SIP2213 Datasheet HTML 2Page - Vishay Siliconix SIP2213 Datasheet HTML 3Page - Vishay Siliconix SIP2213 Datasheet HTML 4Page - Vishay Siliconix SIP2213 Datasheet HTML 5Page - Vishay Siliconix SIP2213 Datasheet HTML 6Page - Vishay Siliconix SIP2213 Datasheet HTML 7Page - Vishay Siliconix SIP2213 Datasheet HTML 8Page - Vishay Siliconix SIP2213 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SiP2213
Vishay Siliconix
New Product
Document Number: 73190
S-50922—Rev. C, 09-May-05
www.vishay.com
3
SPECIFICATIONS
Limits
Test Conditions Unless Specified
VIN = VOUT + 1 Vf, COUT = 1 mF, IOUT = 100 mA, TA = 25_C
Parameter
Unit
Maxb
Typc
Minb
Tempa
Test Conditions Unless Specified
VIN = VOUT + 1 Vf, COUT = 1 mF, IOUT = 100 mA, TA = 25_C
Symbol
Protection
Current Limit
IIL
VOUT1 = 0 V
Room
150
280
460
mA
Current Limit
IIL
VOUT2 = 0 V
Room
300
450
700
mA
Thermal Shutdown
Temperature
Room
165
_C
Thermal Hysteresis
Room
25
C
Notes
a.
Room = 25_C, Full = −40 to 85_C.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
Timing is measured from 90% of LDO #1’s final value to 90% of LDO #2’s final value.
e.
Guaranteed by design.
f.
For higher output of the regulator pair.
g.
Dropout voltage is defined as the input to output differential voltage at which the output voltage drops 2% below the output voltage measured with a 1-V
differential, provided that VIN does not drop below 2.25 V. When VOUT(nom) is less than 2.25 V, the output will be in regulation when 2.25 V − VOUT(nom) is
greater than the dropout voltage specified.
FUNCTIONAL BLOCK DIAGRAM
VIN
EN
BP
SW
VOUT1
VOUT2
POR
DRV
GND
Reference
LDO #2
PORDLY
LDO #1
SWLOGIC
SET
GNDSW
Fixed Voltage Version
VIN
EN1
BP
SW
VOUT1
VOUT2
POR
DRV
GND
Reference
LDO #2
PORDLY
LDO #1
SWLOGIC
SET
GNDSW
Adjustable Voltage Version
ADJ1
ADJ2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com