Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP2213 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP2213
Description  Dual Output Low Dropout Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2213 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP2213 Datasheet HTML 1Page - Vishay Siliconix SIP2213 Datasheet HTML 2Page - Vishay Siliconix SIP2213 Datasheet HTML 3Page - Vishay Siliconix SIP2213 Datasheet HTML 4Page - Vishay Siliconix SIP2213 Datasheet HTML 5Page - Vishay Siliconix SIP2213 Datasheet HTML 6Page - Vishay Siliconix SIP2213 Datasheet HTML 7Page - Vishay Siliconix SIP2213 Datasheet HTML 8Page - Vishay Siliconix SIP2213 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PowerPAK MLP33-10
VIN
EN
BP
SW
VOUT1
VOUT2
POR
DRV
Top View
VIN
EN
BP
SW
VOUT1
VOUT2
POR
DRV
Bottom View
SET
GND
2
3
4
10
9
8
7
1
5
6
SET
GND
10
9
8
7
1
2
3
4
65
Exposed Pad
DRV
NC
GNDSW
ADJ2
ADJ1
BP
POR
EN1
12
11
10
1
2
3
94
8765
13
14
15
16
Bottom View
PowerPAK MLP44-16
SiP2213
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 73190
S-50922—Rev. C, 09-May-05
PIN CONFIGURATIONS AND ORDERING INFORMATION
VOLTAGE OPTIONS
Voltage
Code (x,z)
Adj
A
1.5
F
1.6
W
1.8
G
1.9
Y
2.0
H
2.1
E
2.5
J
2.6
K
2.7
L
2.8
M
2.85
N
2.9
O
3.0
P
3.1
Q
3.2
R
3.3
S
3.4
T
3.5
U
3.6
V
ORDERING INFORMATION
Part Number
Temp
Range
Package
Marking
SiP2213DMP-XZ-T1
40 to 85_C
PowerPAK MLP33-10
13XZ
SiP2213DLP-AA-T1
−40 to 85_C
PowerPAK MLP44-16
13AA
X: Output 1 voltage code
Z: Output 2 voltage code
PIN DESCRIPTION
Pin Number
MLP33-10
MLP44-16
Name
Function
1
15, 16
VIN
Input voltage for the power MOSFETs and their gate drive
2
EN
Enables both LDO outputs.
1
EN
Enables both LDO outputs.
2
NC
No Connect
3
3
BP
Bypass for noise reduction
4
5
SW
Control for open drain output
4
ADJ1
Feedback connection for LDO #1
5
6
SET
Connection for external capacitor to delay POR
6
7, 8
GND
Ground
9
GNDSW
Ground for the internal n-channel MOSFET switch
10
ADJ2
Feedback connection for LDO #2
7
11
DRV
Open drain output
8
12
POR
Power ON reset output
9
13
VOUT2
Output of LDO #2 − 300 mA
10
14
VOUT1
Output of LDO #1 − 150 mA
The exposed pad on both packages must be connected externally to the GND pin.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com