Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4080AIPZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HIP4080AIPZ
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4080AIPZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HIP4080AIPZ Datasheet HTML 7Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 8Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 9Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 10Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 11Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 12Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 13Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 14Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
HIP4080A
FN3658 Rev.7.00
Page 11 of 17
July 2004
Typical Performance Curves VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL =
10K, and TA = +25°C, Unless Otherwise Specified
FIGURE 16. TREF-PW REFRESH PULSE WIDTH vs
TEMPERATURE
FIGURE 17. DISABLE TO LOWER ENABLE TDLPLH
PROPAGATION DELAY vs TEMPERATURE
FIGURE 18. UPPER TURN-OFF PROPAGATION DELAY THPHL
vs TEMPERATURE
FIGURE 19. UPPER TURN-ON PROPAGATION DELAY THPLH
vs TEMPERATURE
FIGURE 20. LOWER TURN-OFF PROPAGATION DELAY TLPHL
vs TEMPERATURE
FIGURE 21. LOWER TURN-ON PROPAGATION DELAY TLPLH
vs TEMPERATURE
350
375
400
425
450
-50
-25
0
25
50
75
100
125 150
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
20
30
40
50
60
70
80
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
40.0
50.0
60.0
70.0
80.0
90.0
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
40.0
50.0
60.0
70.0
80.0
90.0
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
40.0
50.0
60.0
70.0
80.0
90.0
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
40.0
50.0
60.0
70.0
80.0
90.0
JUNCTION TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com