Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4080AIPZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HIP4080AIPZ
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4080AIPZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HIP4080AIPZ Datasheet HTML 8Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 9Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 10Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 11Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 12Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 13Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 14Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 15Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
HIP4080A
FN3658 Rev.7.00
Page 12 of 17
July 2004
Typical Performance Curves VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL =
100K, and TA = +25°C, Unless Otherwise Specified
FIGURE 22. GATE DRIVE FALL TIME TF vs TEMPERATURE
FIGURE 23. GATE DRIVE RISE TIME TR vs TEMPERATURE
FIGURE 24. VLDEL, VHDEL VOLTAGE vs TEMPERATURE
FIGURE 25. HIGH LEVEL OUTPUT VOLTAGE, VCC - VOH vs
BIAS SUPPLY AND TEMPERATURE AT 100
A
FIGURE 26. LOW LEVEL OUTPUT VOLTAGE VOL vs BIAS
SUPPLY AND TEMPERATURE AT 100
A
FIGURE 27. PEAK PULLDOWN CURRENT IO- BIAS SUPPLY
VOLTAGE
-40
-20
0
20
40
60
80
100
120
8.5
9.5
10.5
11.5
12.5
13.5
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
8.5
9.5
10.5
11.5
12.5
13.5
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
4.0
4.5
5.0
5.5
6.0
JUNCTION TEMPERATURE (°C)
10
12
14
0
250
500
750
1000
1250
1500
BIAS SUPPLY VOLTAGE (V)
+75°C
+25°C
+125°C
-40°C
0°C
12
14
0
250
500
750
1000
1250
1500
BIAS SUPPLY VOLTAGE (V)
10
+75°C
+25°C
+125°C
-40°C
0°C
6
7
8
9
10
11
12
13
14
15
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCC, VDD, VAHG, VBHB (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com