Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4080AIPZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP4080AIPZ
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4080AIPZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP4080AIPZ Datasheet HTML 1Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 2Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 3Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 4Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 5Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 6Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 7Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 8Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FN3658 Rev.7.00
Page 1 of 17
July 2004
FN3658
Rev.7.00
July 2004
HIP4080A
80V/2.5A Peak, High Frequency Full Bridge FET Driver
DATASHEET
The HIP4080A is a high frequency, medium voltage Full
Bridge N-Channel FET driver IC, available in 20 lead plastic
SOIC and DIP packages. The HIP4080A includes an input
comparator, used to facilitate the “hysteresis” and PWM
modes of operation. Its HEN (high enable) lead can force
current to freewheel in the bottom two external power
MOSFETs, maintaining the upper power MOSFETs off.
Since it can switch at frequencies up to 1MHz, the HIP4080A
is well suited for driving Voice Coil Motors, switching power
amplifiers and power supplies.
HIP4080A can also drive medium voltage brush motors, and
two HIP4080As can be used to drive high performance
stepper motors, since the short minimum “on-time” can
provide fine micro-stepping capability.
Short propagation delays of approximately 55ns maximize
control loop crossover frequencies and dead-times which
can be adjusted to near zero to minimize distortion, resulting
in precise control of the driven load.
The similar HIP4081A IC allows independent control of all 4
FETs in a Full Bridge configuration.
The Application Note for the HIP4080A is AN9404.
Features
• Drives N-Channel FET Full Bridge Including High Side
Chop Capability
• Bootstrap Supply Max Voltage to 95VDC
• Drives 1000pF Load at 1MHz in Free Air at +50°C with
Rise and Fall Times of Typically 10ns
• User-Programmable Dead Time
• Charge-Pump and Bootstrap Maintain Upper Bias
Supplies
• DIS (Disable) Pin Pulls Gates Low
• Input Logic Thresholds Compatible with 5V to 15V Logic
Levels
• Very Low Power Consumption
• Undervoltage Protection
• Pb-Free Available as an Option
Applications
• Medium/Large Voice Coil Motors
• Full Bridge Power Supplies
• Switching Power Amplifiers
• High Performance Motor Controls
• Noise Cancellation Systems
• Battery Powered Vehicles
• Peripherals
• U.P.S.
Pinout
HIP4080A
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE (°C)
PACKAGE
PKG.
DWG. #
HIP4080AIPZ
(Note 1)
-40 to +85
20 Ld PDIP
(Pb-Free)
E20.3
HIP4080AIP
-40 to +85
20 Ld PDIP
E20.3
HIP4080AIB
-40 to +85
20 Ld SOIC
M20.3
HIP4080AIBZ
(Note 1)
-40 to +85
20 Ld SOIC
(Pb-Free)
M20.3
NOTES:
1. Intersil Pb-Free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-Free products are MSL
classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J Std-020B.
2. Add “T” suffix for Tape and Reel packing option. HIP4080AIP not
available in Tape and Reel.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
BHB
HEN
DIS
VSS
OUT
IN+
HDEL
IN-
LDEL
AHB
BHO
BLO
BLS
VDD
BHS
VCC
ALS
ALO
AHS
AHO


Similar Part No. - HIP4080AIPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
719Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
722Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
logo
Renesas Technology Corp
HIP4080AIPZ RENESAS-HIP4080AIPZ Datasheet
888Kb / 19P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
Dec 11, 2019
More results

Similar Description - HIP4080AIPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCA10008 INTERSIL-HCA10008 Datasheet
87Kb / 13P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
August 1999
HIP4080 INTERSIL-HIP4080 Datasheet
764Kb / 19P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
December 1996
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
March 1995
HIP4081 INTERSIL-HIP4081 Datasheet
216Kb / 18P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
November 1996
HIP4080 INTERSIL-HIP4080_03 Datasheet
761Kb / 21P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A_04 Datasheet
719Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
HIP4081A INTERSIL-HIP4081A Datasheet
720Kb / 16P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4081AIBT INTERSIL-HIP4081AIBT Datasheet
720Kb / 16P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
722Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
logo
Renesas Technology Corp
HIP4081A RENESAS-HIP4081A Datasheet
862Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com