Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4080AIPZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HIP4080AIPZ
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4080AIPZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HIP4080AIPZ Datasheet HTML 9Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 10Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 11Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 12Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 13Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 14Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 15Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 16Page - Renesas Technology Corp HIP4080AIPZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
HIP4080A
FN3658 Rev.7.00
Page 13 of 17
July 2004
FIGURE 28. PEAK PULLUP CURRENT IO+ vs SUPPLY
VOLTAGE
FIGURE 29. LOW VOLTAGE BIAS CURRENT IDD AND ICC
(LESS QUIESCENT COMPONENT) vs
FREQUENCY AND GATE LOAD CAPACITANCE
FIGURE 30. HIGH VOLTAGE LEVEL-SHIFT CURRENT vs
FREQUENCY AND BUS VOLTAGE
FIGURE 31. UNDERVOLTAGE LOCKOUT vs TEMPERATURE
FIGURE 32. MINIMUM DEAD-TIME vs DEL RESISTANCE
Typical Performance Curves VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL =
100K, and TA = +25°C, Unless Otherwise Specified (Continued)
6
7
8
9
10
11
12
13
14
15
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCC, VDD, VABH, VBHB (V)
1
10
100
1000
2
5
20
50
500
200
0.1
1
10
100
500
50
5
0.5
200
20
2
0.2
SWITCHING FREQUENCY (kHz)
3,000
1,000
10,000
100
10
100
1000
20
50
200
500
10
100
1000
20
50
200
500
SWITCHING FREQUENCY (kHz)
8.2
8.4
8.6
8.8
9
50
25
0
25
50
75
100
125
150
UV+
UV-
TEMPERATURE (°C)
10
50
100
150
200
250
0
30
60
90
120
150
HDEL/LDEL RESISTANCE (k
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com