Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4086 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HIP4086
Description  80V, 500mA, 3-Phase MOSFET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4086 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HIP4086 Datasheet HTML 1Page - Renesas Technology Corp HIP4086 Datasheet HTML 2Page - Renesas Technology Corp HIP4086 Datasheet HTML 3Page - Renesas Technology Corp HIP4086 Datasheet HTML 4Page - Renesas Technology Corp HIP4086 Datasheet HTML 5Page - Renesas Technology Corp HIP4086 Datasheet HTML 6Page - Renesas Technology Corp HIP4086 Datasheet HTML 7Page - Renesas Technology Corp HIP4086 Datasheet HTML 8Page - Renesas Technology Corp HIP4086 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
HIP4086, HIP4086A
FN4220 Rev 1.00
Page 3 of 17
January 12, 2017
Pin Configuration
HIP4086, HIP4086A
(24 LD PDIP, SOIC)
TOP VIEW
1
BHB
2
BHI
3
BLI
4
ALI
5
AHI
6
VSS
7
RDEL
8
UVLO
9
RFSH
10
DIS
11
CLI
12
CHI
24
BHO
23
BHS
22
BLO
21
ALO
20
VDD
19
CLO
18
AHS
17
AHO
16
AHB
15
CHS
14
CHO
13
CHB
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
16
1
13
AHB
BHB
CHB
(xHB)
High-Side Bias Connections. One external bootstrap diode and one capacitor are required for
each. Connect cathode of bootstrap diode and positive side of bootstrap capacitor to each xHB
pin.
18
23
15
AHS
BHS
CHS
(xHS)
High-Side Source Connections. Connect the sources of the high-side power MOSFETs to these
pins. The negative side of the bootstrap capacitors are also connected to these pins.
5
2
12
AHI
BHI
CHI
(xHI)
High-Side Logic Level Inputs. Logic at these three pins controls the three high-side output drivers,
AHO (Pin 17), BHO (Pin 24) and CHO (Pin 14). When xHI is low, xHO is high. When xHI is high,
xHO is low. Unless the dead time is disabled by connecting RDEL (Pin 7) to ground, the low-side
input of each phase will override the corresponding high-side input on that phase - see “Truth
Table” on page 2. If RDEL is tied to ground, dead time is disabled and the outputs follow the
inputs with no shoot-through protection. DIS (Pin 10) also overrides the high-side inputs. xHI can
be driven by signal levels of 0V to 15V (no greater than VDD).
4
3
11
ALI
BLI
CLI
(xLI)
Low-Side Logic Level Inputs. Logic at these three pins controls the three low-side output drivers
ALO (Pin 21), BLO (Pin 22) and CLO (Pin 19). If the upper inputs are grounded then the lower
inputs control both xLO and xHO drivers, with the dead time set by the resistor at RDEL (Pin 7).
DIS (Pin 10) high level input overrides xLI, forcing all outputs low. xLI can be driven by signal
levels of 0V to 15V (no greater than VDD).
6
VSS
Ground. Connect the sources of the low-side power MOSFETs to this pin.
7
RDEL
Delay Time Set Point. Connect a resistor from this pin to VDD to set timing current that defines
the dead time between drivers - see Figure 19 on page 10. All drivers turn off with minimal
delay, RDEL resistor prevents shoot-through by delaying the turn-on of all drivers. When RDEL is
tied to VSS, both upper and lowers can be commanded on simultaneously. While not necessary
in most applications, a decoupling capacitor of 0.1µF or smaller may be connected between
RDEL and VSS.
8
UVLO
Undervoltage Set Point. A resistor can be connected between this pin and VSS to program the
undervoltage set point - see Figure 20 on page 10. With this pin not connected, the under
voltage disable is typically 6.6V. When this pin is tied to VDD, the under voltage disable is
typically 6.2V.
9
RFSH
Refresh Pulse Setting. An external capacitor can be connected from this pin to VSS to increase
the length of the start up refresh pulse - see Figure 18 on page 9. If this pin is not connected, the
refresh pulse is typically 1.5µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com