Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4086 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP4086
Description  80V, 500mA, 3-Phase MOSFET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4086 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP4086 Datasheet HTML 1Page - Renesas Technology Corp HIP4086 Datasheet HTML 2Page - Renesas Technology Corp HIP4086 Datasheet HTML 3Page - Renesas Technology Corp HIP4086 Datasheet HTML 4Page - Renesas Technology Corp HIP4086 Datasheet HTML 5Page - Renesas Technology Corp HIP4086 Datasheet HTML 6Page - Renesas Technology Corp HIP4086 Datasheet HTML 7Page - Renesas Technology Corp HIP4086 Datasheet HTML 8Page - Renesas Technology Corp HIP4086 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
HIP4086, HIP4086A
FN4220 Rev 1.00
Page 4 of 17
January 12, 2017
10
DIS
Disable Input. Logic level input that when taken high sets all six outputs low. DIS high overrides
all other inputs. With DIS low, the outputs are controlled by the other inputs. DIS can be driven
by signal levels of 0V to 15V (no greater than VDD).
17
24
14
AHO
BHO
CHO
(xHO)
High-Side Outputs. Connect to the gates of the high-side power MOSFETs in each phase.
20
VDD
Positive Supply. Decouple this pin to VSS (Pin 6).
21
22
19
ALO
BLO
CLO
(xLO)
Low-Side Outputs. Connect the gates of the low-side power MOSFETs to these pins.
NOTE: x = A, B or C.
Pin Descriptions (Continued)
PIN NUMBER
SYMBOL
DESCRIPTION
Ordering Information
PART NUMBER
(Note 3)
PART
MARKING
TEMP RANGE
(°C)
CHARGE
PUMP
PACKAGE
PKG.
DWG. #
HIP4086AB (Note 1)
HIP4086AB
-40 to +125
Yes
24 Ld SOIC
M24.3
HIP4086ABZ (Notes 1, 2)
HIP4086ABZ
-40 to +125
Yes
24 Ld SOIC (RoHS Compliant)
M24.3
HIP4086APZ (Note 2)
HIP4086APZ
-40 to +125
Yes
24 Ld PDIP (RoHS Compliant)
E24.3
HIP4086AABZ (Notes 1, 2) HIP4086AABZ
-40 to +125
No
24 Ld SOIC (RoHS Compliant)
M24.3
HIP4086DEMO1Z
HIP4086 Demonstration Board
NOTES:
1. Add “T”, suffix for 1k unit tape and reel option. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for HIP4086, HIP4086A. For more information on MSL, please see Technical
Brief TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com