Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4086 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HIP4086
Description  80V, 500mA, 3-Phase MOSFET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4086 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HIP4086 Datasheet HTML 2Page - Renesas Technology Corp HIP4086 Datasheet HTML 3Page - Renesas Technology Corp HIP4086 Datasheet HTML 4Page - Renesas Technology Corp HIP4086 Datasheet HTML 5Page - Renesas Technology Corp HIP4086 Datasheet HTML 6Page - Renesas Technology Corp HIP4086 Datasheet HTML 7Page - Renesas Technology Corp HIP4086 Datasheet HTML 8Page - Renesas Technology Corp HIP4086 Datasheet HTML 9Page - Renesas Technology Corp HIP4086 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
HIP4086, HIP4086A
FN4220 Rev 1.00
Page 6 of 17
January 12, 2017
INPUT PINS: ALI, BLI, CLI, AHI, BHI, CHI, AND DIS
Low Level Input Voltage
-
-
1.0
-0.8
V
High Level Input Voltage
2.5
-
-
2.7
-
V
Input Voltage Hysteresis
-
35
-
--
mV
Low Level Input Current
VIN = 0V
-60
-100
-155
-55
-165
µA
High Level Input Current
VIN = 5V
-1
-
+1
-10
+10
µA
GATE DRIVER OUTPUT PINS: ALO, BLO, CLO, AHO, BHO, AND CHO
Low Level Output Voltage (VOUT - VSS)ISINKING = 30mA
-
100
-
-210
mV
Peak Turn-On Current
VOUT = 0V
0.3
0.5
0.7
-1.0
A
NOTES:
8. The specified charge pump current is the total amount available to drive external loads across xHO and xHS.
9. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
AC Electrical Specifications VDD = VxHB = 12V, VSS = VxHS = 0V, CGATE = 1000pF, RDEL = 10k, unless otherwise specified. Boldface
limits apply across the operating junction temperature range, -40°C to +150°C.
PARAMETER
TEST CONDITIONS
TJ = +25°C
TJ = -40°C TO +150°C
UNIT
MIN
(Note 9)TYP
MAX
(Note 9)
MIN
(Note 9)
MAX
(Note 9)
TURN-ON DELAY AND PROPAGATION DELAY
Dead Time (Figure 4)RDEL = 100kΩ
34.5
7.2
38
µs
RDEL = 10kΩ
0.38
0.5
0.75
0.3
0.8
µs
Dead Time Channel Matching
RDEL = 10kΩ
-
7
15
-
20
%
Lower Turn-Off Propagation Delay
(xLI to xLO Turn-Off) (Figures 4 or 5)
No load
-
30
55
-
75
ns
Upper Turn-Off Propagation Delay
(xHI to xHO Turn-Off) (Figures 4 or 5)
No load
-
75
110
-
135
ns
Lower Turn-On Propagation Delay
(xLI to xLO Turn-On) (Figures 4 or 5)
No load
-
45
82
-
100
ns
Upper Turn-On Propagation Delay
(xHI to xHO Turn-On) (Figures 4 or 5)
No load
-
65
110
-
158
ns
Rise Time
CGATE = 1000pF
-
20
40
-
60
ns
Fall Time
CGATE = 1000pF
-
10
20
-
40
ns
Disable Lower Turn-Off Propagation Delay
(DIS to xLO turn-off) (Figure 6)
-55
80
-
104
ns
Disable Upper Turn-Off Propagation Delay
(DIS to xHO turn-off) (Figure 6)
-80
116
-
147
ns
Disable to Lower Turn-On Propagation Delay
(DIS to xLO turn-on) (Figure 6)
-55
85
-
120
ns
Disable to Upper Turn-On Propagation Delay
(DIS to xHO turn-on) (Figure 6)
RDEL = 10kΩ, CRFSH
open
-2.0
-
-
-
µs
DC Electrical Specifications VDD = VxHB = 12V, VSS = VxHS = 0V, RDEL = 20k, RUV = , Gate Capacitance (CGATE) = 1000pF, unless
otherwise specified. Boldface limits apply across the operating junction temperature range, -40°C to +150°C. (Continued)
PARAMETER
TEST CONDITIONS
TJ = +25°C
TJ = -40°C TO +150°C
UNIT
MIN
(Note 9)TYP
MAX
(Note 9)
MIN
(Note 9)
MAX
(Note 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com