Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4086 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HIP4086
Description  80V, 500mA, 3-Phase MOSFET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4086 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HIP4086 Datasheet HTML 9Page - Renesas Technology Corp HIP4086 Datasheet HTML 10Page - Renesas Technology Corp HIP4086 Datasheet HTML 11Page - Renesas Technology Corp HIP4086 Datasheet HTML 12Page - Renesas Technology Corp HIP4086 Datasheet HTML 13Page - Renesas Technology Corp HIP4086 Datasheet HTML 14Page - Renesas Technology Corp HIP4086 Datasheet HTML 15Page - Renesas Technology Corp HIP4086 Datasheet HTML 16Page - Renesas Technology Corp HIP4086 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
HIP4086, HIP4086A
FN4220 Rev 1.00
Page 14 of 17
January 12, 2017
Revision History The revision history provided is for informational purposes only and is believed to be accurate, however, not
warranted. Please go to the web to make sure that you have the latest revision.
DATE
REVISION
CHANGE
January 12, 2017
FN4220.11
The following revisions were made to the DC and AC Electrical Specifications:
-VDD Quiescent Current (HIP4086): updated maximum (TJ = +25°C) from “4.2” to “5.1”, updated min and
max (TJ = -40°C to +150°C) from “2.1” to “1.96” and “4.3” to “5.3”, respectively.
-VDD Quiescent Current (HIP4086A): updated max and typical (TJ = +25°C) from “2.6” to “3.1” and from “2.4”
to “2.8”, updated min and max (TJ = -40°C to +150°C) from “2.1” to “1.8” and from “2.7” to “3.3”, respectively.
-VDD Operating Current (HIP4086): updated min and max (TJ = +25°C) from “6.3” to “5.4” and from “10.5”
to “13”, updated min and max (TJ = -40°C to +150°C) from “5” to “4” and “11” to 13.5”, respectively.
-VDD Operating Current (HIP4086A): updated typical and max (TJ = +25°C) from “3.6” to “4.0” and from “4.1”
to “4.6”, updated min and max (TJ = -40°C to +150°C) from “2.8” to “2.7” and from “4.4” to “5.1”, respectively.
-xHB On Quiescent Current (HIP4086): updated maximum (TJ = +25°C) from “80” to “110”, updated
maximum (TJ = -40°C to +150°C) from “100” to “140”.
-xHB On Quiescent Current (HIP4086A): updated typical and max (TJ = +25°C) from “80” to “90” and from
“100” to “115”, updated maximum (TJ = -40°C to +150°C) from “200” to “225”.
-xHB Off Quiescent Current (HIP4086A): updated typical and max (TJ = +25°C) from “0.9” to “1.0” and from
“1” to “1.2”, updated maximum (TJ = -40°C to +150°C) from “1.2” to “1.25”.
-xHB Operating Current (HIP4086A): updated maximum (TJ = +25°C) from “1” to “1.1”, updated maximum
(TJ = -40°C to +150°C) from “1.2” to “1.25”.
-xHB, xHS Leakage Current: updated typical (TJ = +25°C) from “24” to “30”.
-Minimum Undervoltage Threshold: updated min (TJ = -40°C to +150°C) from “4.9” to “4.8”.
-QPUMP Output Voltage: updated min and max (TJ = +25°C) from “11.5” to “11” and from “14” to “14.6”,
updated min and max (TJ = -40°C to +150°C) from “10.5” to “10” and “14.5” to “14.75”, respectively.
-QPUMP Output Current: updated min and max (TJ = +25°C) from “50” to “40” and from “130” to “160”,
updated maximum (TJ = -40°C to +150°C) from “140” to “185”.
-Low Level Input Current: updated maximum (TJ = +25°C) from “-135” to “-155”, updated maximum
(TJ = -40°C to +150°C) from “-140” to “-165”.
-Low Level Output Voltage: updated maximum (TJ = -40°C to +150°C) from “200” to “210”.
-Dead Time (RDEL = 100kΩ): updated min and max (TJ = +25°C) from “3.8” to “3” and from “6” to “7.2”,
updated maximum (TJ = -40°C to +150°C) from “7” to “8”.
-Dead Time (RDEL = 10kΩ): updated maximum (TJ = +25°C) from “0.65” to “0.75”, updated maximum
(TJ = -40°C to +150°C) from “0.7” to “0.8”.
-xLI to xLO turn-off: updated maximum (TJ = +25°C) from “45” to “55”, updated maximum
(TJ = -40°C to +150°C) from “65” to “75”.
-xHI to xHO turn-off: updated maximum (TJ = +25°C) from “90” to “110”, updated maximum
(TJ = -40°C to +150°C) from “100” to “135”.
-xLI to xLO turn-on: updated maximum (TJ = +25°C) from “75” to “82”, updated maximum
(TJ = -40°C to +150°C) from “90” to “100”.
-xHI to xHO turn-on: updated maximum (TJ = +25°C) from “90” to “110”, updated maximum
(TJ = -40°C to +150°C) from “100” to “158”.
-Rise Time: updated maximum (TJ = -40°C to +150°C) from “50” to “60”.
-Fall Time: updated maximum (TJ = -40°C to +150°C) from “25” to “40”.
-DIS to xLO turn-off: updated maximum (TJ = -40°C to +150°C) from “90” to “104”.
-DIS to xHO turn-off: updated maximum (TJ = +25°C) from “90” to “116”, updated maximum
(TJ = -40°C to +150°C) from “100” to “147”.
-DIS to xLO turn-on: updated maximum (TJ = +25°C) from “80” to “85”, updated maximum (TJ = -40°C to
+150°C) from “100” to “120”.
Minor Parameter label changes to use consistent descriptions for related parameters.
Updated from “50µA” to “40µA” in “Charge Pump” and “Selecting the Boot Capacitor Value” on page 11.
March 27, 2015
FN4220.10
Added AN1829, “HIP4086 3-Phase BLDC Motor Drive Demonstration Board, User Guide” bullet to the related
literature section on page 1.
On page 3:
In the Pin Configuration updated typo for Pin 17 Pin Name from “AHC” to “AHO”.
In the Pin Description table:
Updated RDEL and UVLO Description to reference the correct Figures.
RDEL - from “Figure 18” to “Figure 19” and UVLO - from “Figure 19”to “Figure 20”.
Updated typo-AHS pin number from “15” to “18”.
Added “RDEL range10kΩ to 100kΩ” to the “Maximum Recommended Operating Conditions” on page 5.
Updated the About Intersil verbiage.
January 28, 2013
FN4220.9
Corrected following typo in the second paragraph of page 1:
From: (0.5ms to 4.5ms)
To: (0.5µs to 4.5µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com