Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951901 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS951901
Description  Programmable Frequency Generator & Integrated Buffers for Pentium III Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951901 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS951901 Datasheet HTML 1Page - Integrated Circuit Systems ICS951901 Datasheet HTML 2Page - Integrated Circuit Systems ICS951901 Datasheet HTML 3Page - Integrated Circuit Systems ICS951901 Datasheet HTML 4Page - Integrated Circuit Systems ICS951901 Datasheet HTML 5Page - Integrated Circuit Systems ICS951901 Datasheet HTML 6Page - Integrated Circuit Systems ICS951901 Datasheet HTML 7Page - Integrated Circuit Systems ICS951901 Datasheet HTML 8Page - Integrated Circuit Systems ICS951901 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
ICS951901
0670B—07/15/04
General Description
Pin Configuration
The ICS951901 is a single chip clock solution for desktop
designs using 630S chipsets. It provides all necessary
clock signals for such a system.
The ICS951901 belongs to ICS new generation of
programmable system clock generators. It employs serial
programming I
2C interface as a vehicle for changing
output functions, changing output frequency, configuring
output strength, configuring output to output skew, changing
spread spectrum amount, changing group divider ratio and
dis/enabling individual clocks.
This device also has ICS
propriety 'Watchdog Timer' technology which will reset the
frequency to a safe setting if the system becomes
unstable from over clocking.
Power Groups
Analog
VDDA = X1, X2, Core, PLL
VDD48 = 48MHz, 24MHz, fixed PLL
Digital
VDDPCI = PCICLK_F, PCICLK
VDDSDR = SDRAM
VDDAGP=AGP, REF
E
D
O
M
1
2
n
i
P
7
2
n
i
P8
2
n
i
P0
3
n
i
P1
3
n
i
P
01
1
M
A
R
D
S0
1
M
A
R
D
S9
M
A
R
D
S8
M
A
R
D
S
1#
P
O
T
S
_
U
P
C#
P
O
T
S
_
I
C
P#
P
O
T
S
_
M
A
R
D
S#
D
P
MODE Pin Power Management Control Input
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1, 7, 15, 22, 25,
35, 43
VDD
PWR
3.3V Power supply for SDRAM output buffers, PCI output buffers,
reference output buffers and 48MHz output
AGPSEL
IN
AGP frequency select pin.
REF0
OUT
14.318 MHz reference clock.
FS3
IN
Frequency select pin.
REF1
OUT
14.318 MHz reference clock.
4, 14, 18, 19, 29,
32, 39, 44
GND
PWR
Ground pin for 3V outputs.
5
X1
IN
Crystal input,nominally 14.318MHz.
6
X2
OUT
Crystal output, nominally 14.318MHz.
FS1
IN
Frequency select pin.
PCICLK_F
OUT
PCI clock output, not affected by PCI_STOP#
FS2
IN
Frequency select pin.
PCICLK0
OUT
PCI clock output.
13, 12, 11, 10
PCICLK (4:1)
OUT
PCI clock outputs.
17, 16,
AGP (1:0)
OUT
AGP outputs defined as 2X PCI. These may not be stopped.
FS0
IN
Frequency select pin.
48MHz
OUT
48MHz output clock
MODE
IN
Pin 27, 28, 30, & 31 function select pin
0=Desktop 1=Mobile mode
24_48MHz
OUT
Clock output for super I/O/USB default is 24MHz
23
SDATA
I/O
Data pin for I
2C circuitry 5V tolerant
24
SCLK
IN
Clock pin of I
2C circuitry 5V tolerant
CPU_STOP#
IN
Stops all PCICLKs besides the PCICLK_F clocks at logic 0 level,
when input is low and MODE pin is in Mobile mode
SDRAM11
OUT
SDRAM clock output
PCI_STOP#
IN
Stops all CPUCLKs clocks at logic 0 level, when input is low and
MODE pin is in Mobile mode
SDRAM10
OUT
SDRAM clock output
SDRAM9
OUT
SDRAM clock output
SDRAM_STOP#
IN
Stops all SDRAM clocks at logic 0 level, when input is low and
MODE pin is in Mobile mode
PD#
IN
Asynchronous active low input pin used to power down the device
into a low power state. The internal clocks are disabled and the
VCO and the crystal are stopped. The latency of the power down will
not be greater than 3ms
SDRAM8
OUT
SDRAM clock output
26 33, 34, 36,
37, 38, 40, 41,
42
SDRAM (12,
7:0)
OUT
SDRAM clock outputs
45, 46, 47
CPUCLK (2:0)
OUT
CPU clock outputs.
48
VDDL
PWR
Power pin for the CPUCLKs. 2.5V
31
20
2
8
9
21
3
30
27
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com