Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951901 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS951901
Description  Programmable Frequency Generator & Integrated Buffers for Pentium III Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951901 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS951901 Datasheet HTML 1Page - Integrated Circuit Systems ICS951901 Datasheet HTML 2Page - Integrated Circuit Systems ICS951901 Datasheet HTML 3Page - Integrated Circuit Systems ICS951901 Datasheet HTML 4Page - Integrated Circuit Systems ICS951901 Datasheet HTML 5Page - Integrated Circuit Systems ICS951901 Datasheet HTML 6Page - Integrated Circuit Systems ICS951901 Datasheet HTML 7Page - Integrated Circuit Systems ICS951901 Datasheet HTML 8Page - Integrated Circuit Systems ICS951901 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
ICS951901
0670B—07/15/04
Byte0: Functionality and Frequency Select Register (default = 0)
Serial Configuration Command Bitmap
Note: PWD = Power-Up Default
Note1:
Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit 3.
I
2C is a trademark of Philips Corporation
FS3
FS2
FS1
FS0
CPU
SDRAM
PCI
AGP1
AGP0
Spread %
PWD
Bit2
Bit7
Bit6
Bit5
Bit4
MHz
MHz
MHz
SEL=1
SEL=0
00000
66.67
66.67
33.33
66.67
64
± 0.35% center spread
00001
66.67
100.00
33.33
66.67
64
± 0.35% center spread
00010
66.67
133.34
33.33
66.67
64
± 0.35% center spread
00011
75.00
75.00
37.50
75.00
64
± 0.35% center spread
00100
83.31
83.31
33.32
66.64
64
± 0.35% center spread
00101
90.00
90.00
30.00
60.00
64
± 0.35% center spread
00110
95.00
95.00
31.67
63.33
64
± 0.35% center spread
00111
100.00
66.67
33.33
66.67
64
± 0.35% center spread
01000
100.00
100.00
33.33
66.67
64
± 0.35% center spread
01001
100.00
133.34
33.33
66.67
64
± 0.35% center spread
01010
105.00
105.00
35.00
70.00
64
± 0.35% center spread
01011
112.00
112.00
33.60
67.20
64
± 0.35% center spread
01100
117.99
117.99
35.40
70.80
64
± 0.35% center spread
01101
124.09
124.09
31.02
62.05
64
± 0.35% center spread
Bit 2
01110
133.34
100.00
33.33
66.67
64
± 0.35% center spread
00000
Bit 7:4
01111
133.34
133.34
33.33
66.67
64
± 0.35% center spread
Note1
10000
75.00
100.00
37.50
75.00
64
± 0.35% center spread
10001
75.00
112.50
32.14
64.29
64
± 0.35% center spread
10010
75.00
150.00
32.14
64.29
64
± 0.35% center spread
10011
83.31
111.07
33.32
66.64
64
± 0.35% center spread
10100
83.32
166.65
31.25
62.49
64
± 0.35% center spread
10101
90.00
60.00
30.00
60.00
64
± 0.35% center spread
10110
90.00
120.00
30.00
60.00
64
± 0.35% center spread
10111
95.00
63.33
31.67
63.33
64
± 0.35% center spread
11000
95.00
126.66
31.67
63.33
64
± 0.35% center spread
11001
105.00
70.00
35.00
70.00
64
± 0.35% center spread
11010
105.00
140.00
35.00
70.00
64
± 0.35% center spread
11011
112.00
84.00
33.60
67.20
64
± 0.35% center spread
11100
117.99
88.49
35.40
70.80
64
± 0.35% center spread
11101
124.09
93.07
31.02
62.05
64
± 0.35% center spread
11110
129.99
97.49
32.50
64.99
64
± 0.35% center spread
11111
140.00
105.00
35.00
70.00
64
± 0.35% center spread
Bit 3
0 - Frequency is selected by hardware select, Latched inputs
0
1 - Frequency is selected by Bit, 2 7:4
Bit 1
0 - Normal
1
1 - Spread Spectrum Enabled
Bit 0
0 - Running
0
1 - Tristate all outputs
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com