Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951901 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS951901
Description  Programmable Frequency Generator & Integrated Buffers for Pentium III Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951901 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS951901 Datasheet HTML 1Page - Integrated Circuit Systems ICS951901 Datasheet HTML 2Page - Integrated Circuit Systems ICS951901 Datasheet HTML 3Page - Integrated Circuit Systems ICS951901 Datasheet HTML 4Page - Integrated Circuit Systems ICS951901 Datasheet HTML 5Page - Integrated Circuit Systems ICS951901 Datasheet HTML 6Page - Integrated Circuit Systems ICS951901 Datasheet HTML 7Page - Integrated Circuit Systems ICS951901 Datasheet HTML 8Page - Integrated Circuit Systems ICS951901 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ICS951901
Integrated
Circuit
Systems, Inc.
0670B—07/15/04
Programmable Frequency Generator & Integrated Buffers for Pentium III Processor
Block Diagram
Recommended Application:
Single chip clock solution for IA platform.
Output Features:
3 - CPU @ 2.5V
13 - SDRAM @ 3.3V
6 - PCI @3.3V,
2 - AGP @ 3.3V
1 - 48MHz, @3.3V fixed.
1 - 24/48MHz, @3.3V selectable by I
2C
(Default is 24MHz)
2 - REF @3.3V, 14.318MHz.
Features:
Programmable ouput frequency.
Programmable ouput rise/fall time.
Programmable SDRAM and CPU skew.
Spread spectrum for EMI control typically
by 7dB to 8dB,
with programmable spread percentage.
Watchdog timer technology to reset system
if over-clocking causes malfunction.
Uses external 14.318MHz crystal.
FS pins for frequency select
Skew Specifications:
CPU - CPU: < 175ps
SDRAM - SDRAM < 250ps (except SDRAM12)
PCI - PCI: < 500ps
CPU (early) - PCI: 1-4ns (typ. 2ns)
Functionality
Pin Configuration
48-Pin 300mil SSOP
* These inputs have a 120K pull down to GND.
1 These are double strength.
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
CPUCLK (2:0)
SDRAM (12:0)
PCICLK (4:0)
AGP (1:0)
PCICLK_F
2
5
13
3
2
X1
X2
XTAL
OSC
CPU
DIVDER
SDRAM
DIVDER
PCI
DIVDER
Stop
Stop
Stop
SDATA
SCLK
FS(3:0)
PD#
PCI_STOP#
CPU_STOP#
SDRAM_STOP#
MODE
AGP_SEL
Control
Logic
Config.
Reg.
/ 2
REF(1:0)
AGP
DIVDER
VDDA
(AGPSEL)REF0
*(FS3)REF1
GND
X1
X2
VDDPCI
*(FS1)PCICLK_F
*(FS2)PCICLK0
PCICLK1
PCICLK2
PCICLK3
PCICLK4
GND
VDDAGP
AGPCLK0
AGPCLK1
GND
GND
*(FS0)48MHz
*(MODE)24_48MHz
VDD48
SDATA
SCLK
1
1
*
VDDL
CPUCLK0
CPUCLK1
CPUCLK2
GND
VDDSDR
SDRAM0
SDRAM1
SDRAM2
GND
SDRAM3
SDRAM4
SDRAM5
VDDSDR
SDRAM6
SDRAM7
GND
SDRAM8/PD#
SDRAM9/SDRAM_STOP#
GND
SDRAM10/PCI_STOP#
SDRAM11/CPU_STOP#
SDRAM12
VDDSDR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
FS3FS2
FS1FS0
CPU
SDRAM
PCI
AGP1
AGP0
Bit7
Bit6
Bit5
Bit4
MHz
MHz
MHz
SEL=1
SEL=0
0
0
0
0
0
66.67
66.67
33.33
66.67
64
0
0
0
0
1
66.67
100.00
33.33
66.67
64
0
0
0
1
0
66.67
133.34
33.33
66.67
64
0
0
0
1
1
75.00
75.00
37.50
75.00
64
0
0
1
0
0
83.31
83.31
33.32
66.64
64
0
0
1
0
1
90.00
90.00
30.00
60.00
64
0
0
1
1
0
95.00
95.00
31.67
63.33
64
0
0
1
1
1
100.00
66.67
33.33
66.67
64
0
1
0
0
0
100.00
100.00
33.33
66.67
64
0
1
0
0
1
100.00
133.34
33.33
66.67
64
0
1
0
1
0
105.00
105.00
35.00
70.00
64
0
1
0
1
1
112.00
112.00
33.60
67.20
64
0
1
1
0
0
117.99
117.99
35.40
70.80
64
0
1
1
0
1
124.09
124.09
31.02
62.05
64
0
1
1
1
0
133.34
100.00
33.33
66.67
64
0
1
111
133.34
133.34
33.33
66.67
64
Bit2


Similar Part No. - ICS951901

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS951104 RENESAS-ICS951104 Datasheet
584Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
ICS951104YFLFT RENESAS-ICS951104YFLFT Datasheet
584Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
ICS951104YGLFT RENESAS-ICS951104YGLFT Datasheet
584Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
logo
Integrated Circuit Syst...
ICS951402 ICST-ICS951402 Datasheet
289Kb / 23P
Programmable Timing Control Hub for P4 processor
logo
Renesas Technology Corp
ICS951402 RENESAS-ICS951402 Datasheet
516Kb / 24P
Programmable Timing Control Hub™ for P4™ processor
2019
More results

Similar Description - ICS951901

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 12/07/98
ICS9150-08 ICST-ICS9150-08 Datasheet
430Kb / 13P
Frequency Generator & Integrated Buffers for Pentium/Pro?
Rev E 09/28/98
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev F 12/16/99
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev A 3/25/99
ICS94209 ICST-ICS94209 Datasheet
217Kb / 19P
Programmable Frequency Generator & Integrated Buffers for Pentium III Processor
ICS9148-37 ICST-ICS9148-37 Datasheet
425Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/Pro
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-195 ICST-ICS9248-195 Datasheet
148Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM II/III & K6
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9248-39 RENESAS-ICS9248-39 Datasheet
432Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com