Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951901 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS951901
Description  Programmable Frequency Generator & Integrated Buffers for Pentium III Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951901 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS951901 Datasheet HTML 3Page - Integrated Circuit Systems ICS951901 Datasheet HTML 4Page - Integrated Circuit Systems ICS951901 Datasheet HTML 5Page - Integrated Circuit Systems ICS951901 Datasheet HTML 6Page - Integrated Circuit Systems ICS951901 Datasheet HTML 7Page - Integrated Circuit Systems ICS951901 Datasheet HTML 8Page - Integrated Circuit Systems ICS951901 Datasheet HTML 9Page - Integrated Circuit Systems ICS951901 Datasheet HTML 10Page - Integrated Circuit Systems ICS951901 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
ICS951901
0670B—07/15/04
Byte 17: Output Rise/FallTime Select Register
Byte 18: Output Rise/Fall Time Select Register
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B1
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
)
0
:
3
(
I
C
P
6
t
i
B0
5
t
i
B1
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
F
_
I
C
P
4
t
i
B0
3
t
i
B1
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
2
K
L
C
U
P
C
2
t
i
B0
1
t
i
B
0l
o
r
t
n
o
C
e
t
a
r
w
e
l
S
1
K
L
C
U
P
C
0
t
i
B
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B1
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
:
2
1
M
A
R
D
S
6
t
i
B0
5
t
i
B1
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
:
1
K
L
C
P
G
A
4
t
i
B0
3
t
i
B1
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
:
0
K
L
C
P
G
A
2
t
i
B0
1
t
i
B1
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
:
4
K
L
C
I
C
P
0
t
i
B0
Byte 19: Output Rise/FallTime Select Register
Byte 20: Output Rise/Fall Time Select Register
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B1
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
:
z
H
M
8
4
6
t
i
B0
5
t
i
B1
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
:
z
H
M
8
4
_
4
2
4
t
i
B0
3
t
i
B1
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
:
1
F
E
R
2
t
i
B0
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
:
0
F
E
R
1
t
i
B1
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
:
)
0
:
1
1
(
M
A
R
D
S
0
t
i
B0
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B0
d
e
v
r
e
s
e
R
6
t
i
B0
d
e
v
r
e
s
e
R
5
t
i
B0
d
e
v
r
e
s
e
R
4
t
i
B0
d
e
v
r
e
s
e
R
3
t
i
B0
d
e
v
r
e
s
e
R
2
t
i
B0
d
e
v
r
e
s
e
R
1
t
i
B
0l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
0
K
L
C
U
P
C
0
t
i
B
VCO Programming Constrains
VCO Frequency ...................... 150MHz to 500MHz
VCO Divider Range ................ 8 to 519
REF Divider Range ................. 2 to 129
Phase Detector Stability .......... 0.3536 to 1.4142
Useful Formula
VCO Frequency = 14.31818 x VCO/REF divider value
Phase Detector Stabiliy = 14.038 x (VCO divider value)
-0.5
To program the VCO frequency for over-clocking.
0. Before trying to program our clock manually, consider using ICS provided software utilities for easy
programming.
1. Select the frequency you want to over-clock from with the desire gear ratio (i.e. CPU:SDRAM:3V66:PCI ratio) by
writing to byte 0, or using initial hardware power up frequency.
2. Write 0001, 1001 (19H) to byte 8 for readback of 21 bytes (byte 0-20).
3. Read back byte 11-20 and copy values in these registers.
4. Re-initialize the write sequence.
5. Write a '1' to byte 9 bit 7 and write to byte 11 & 12 with the desired VCO & REF divider values.
6. Write to byte 13 to 20 with the values you copy from step 3. This maintains the output spread, skew and slew
rate.
7. The above procedure is only needed when changing the VCO for the 1st pass. If VCO frequency needed to be
changed again, user only needs to write to byte 11 and 12 unless the system is to reboot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com