Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002U/10AA Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA2002U/10AA
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2002U/10AA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA2002U/10AA Datasheet HTML 7Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 8Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 9Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 10Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 11Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 12Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 13Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 14Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2004 Jan 20
11
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
output period and pulse width
PCA2002
OTP PROGRAMMING CHARACTERISTICS
Note
1. Programme each word once only.
SYMBOL
PARAMETER(1)
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage during programming procedure
1.5
−
3.0
V
VP(start)
supply voltage for starting programming procedure
6.6
−
6.8
V
VP(stop)
supply voltage for stopping programming procedure
6.2
−
6.4
V
VP(mod)
supply voltage modulation for entering instructions
320
350
380
mV
Vpre-store
supply voltage for pre-store pulse
6.2
−
6.4
V
Vstore
supply voltage for writing to the OTP cells
9.9
10.0
10.1
V
Istore
supply current for writing to the OTP cells
−−
10
mA
tp(start)
pulse width of start pulse
8
10
12
ms
tp(stop)
pulse width of stop pulse
0.05
−
0.5
ms
tmod
modulation pulse width
25
30
40
µs
tpre-store
pulse width of pre-store pulse
0.05
−
0.5
ms
tstore
pulse width for writing to the OTP cells
95
100
110
ms
t0
waiting time after start pulse
20
−
30
ms
t1
pulse distance for incrementing the state counter
0.6
0.7
0.8
ms
t2
pulse distance for clocking the data register with
data = logic 0
1.6
1.7
1.8
ms
t3
pulse distance for clocking the data register with
data = logic 1
2.6
2.7
2.8
ms
t4
waiting time for writing to the OTP cells
0.1
0.2
0.3
ms
SR
slew rate for modulation of the supply voltage
0.5
−
5V/
µs
Rread
read out resistor for supply current modulation
18
30
45
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com