Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002U/10AA Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA2002U/10AA
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2002U/10AA Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA2002U/10AA Datasheet HTML 1Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 2Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 3Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 4Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 5Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 6Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 7Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 8Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2004 Jan 20
3
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
output period and pulse width
PCA2002
BLOCK DIAGRAM
mbl568
÷4
(10) 8
3 (3)
5 (7)
1 (1)
(5)
6 (8)
MOT1
MOT2
7 (9)
RESET
(2) 2
i.c.
n.c.
(6)
n.c.
4 (4)
VDD
VSS
VOLTAGE DETECTOR,
OTP-CONTROLLER
MOTOR CONTROL
PCA2002U
PCA2002T
(PCA2002TK)
DIVIDER
RESET
reset
32 Hz
1 Hz
8 kHz
OSCILLATOR
OSCIN
OSCOUT
OTP-MEMORY
TIMING ADJUSTMENT,
INHIBITION
M
Fig.1 Block diagram.
The pin numbers in parenthesis represent the PCA2002TK.
PINNING
SYMBOL
PAD
PIN
DESCRIPTION
PCA2002U
PCA2002T
PCA2002TK
VSS
1
1
1
ground
i.c.
2
2
2
internally connected
OSCIN
3
3
3
oscillator input
OSCOUT
4
4
4
oscillator output
n.c.
−−
5
not connected
n.c.
−−
6
not connected
VDD
5
5
7
supply voltage
MOT1
6
6
8
motor 1 output
MOT2
7
7
9
motor 2 output
RESET
8
8
10
reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com