Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002U/10AA Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA2002U/10AA
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2002U/10AA Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA2002U/10AA Datasheet HTML 8Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 9Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 10Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 11Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 12Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 13Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 14Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 15Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
2004 Jan 20
12
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
output period and pulse width
PCA2002
BONDING PAD LOCATIONS
Notes
1. All coordinates are referenced, in
µm, to the centre of
the die (see Fig.11).
2. The substrate (rear side of the chip) is connected to
VSS. Therefore, the die pad must be either floating or
connected to VSS.
3. Pad i.c. is used for factory tests; in normal operation it
should be left open-circuit, and it has an internal
pull-down resistance to VSS.
Table 5
Mechanical chip data; note 1
Note
1. The substrate of the chip is connected to VSS. The
pad i.c. is used for factory test, in normal operation it
should be left open-circuit. The pad i.c. has an internal
pull-down resistor connected to VSS.
SYMBOL
PAD
COORDINATES(1)
xy
VSS(2)
1
−480
+330
i.c.(3)
2
−480
+160
OSCIN
3
−480
−160
OSCOUT
4
−480
−330
VDD
5
+480
−330
MOT1
6
+480
−160
MOT2
7
+480
+160
RESET
8
+480
+330
PARAMETER
VALUE
Bonding pad:
metal
96
× 96 µm
opening
86
× 86 µm
handbook, halfpage
MBL574
0.90 mm
VDD
MOT2
MOT1
RESET
VSS
i.c.
OSCIN
OSCOUT
1.20 mm
x
y
0
1
2
8
7
6
5
3
4
0
Fig.11 Bonding pad locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com