Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002U/10AA Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA2002U/10AA
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2002U/10AA Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA2002U/10AA Datasheet HTML 1Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 2Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 3Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 4Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 5Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 6Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 7Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 8Page - NXP Semiconductors PCA2002U/10AA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2004 Jan 20
2
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
output period and pulse width
PCA2002
FEATURES
• 32 kHz quartz oscillator, amplitude regulated with
excellent frequency stability and high immunity to
leakage currents
• Electrically programmable time calibration with 1 ppm
resolution (stored in OTP memory)
• The quartz crystal is the only external component
required
• Very low current consumption: typically 90 nA
• Output pulses for bipolar stepping motors
• Five different programmable output periods (1 s to 30 s)
• Output pulse width programmable between
1 ms and 8 ms
• Full or chopped motor pulse and pulse stretching,
selectable
• Stop function for accurate time setting and current
saving during the shelf life
• Test mode for accelerated testing of the mechanical
parts of the watch.
GENERAL DESCRIPTION
The PCA2002 is a CMOS integrated circuit for battery
operated wrist watches with a 32 kHz quartz crystal as the
timing element and a bipolar stepping motor. The crystal
oscillator and the frequency divider are optimized for
minimum current consumption. A timing accuracy of
1 ppm is achieved with a programmable, digital frequency
adjustment.
The output period and the output pulse width can be
programmed. It can be selected between a full output
pulse or a chopped output pulse with a duty cycle of 75 %.
In addition, a stretching pulse can be added to the primary
driving pulse.
Pin RESET is used for stopping the motor, accurate time
setting and for an accelerated testing of the watch.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCA2002U/AA
−
bare die; chip in tray
−
PCA2002U/10AA
−
bare die; chip on film frame carrier
−
PCA2002T
PMFP8
plastic micro flat package; 8 leads (straight)
SOT144-1
PCA2002TK
HVSON10
plastic thermal enhanced very thin small outline package;
no leads; 10 terminals; body 3
× 3 × 0.85 mm
SOT650-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com