Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002TK Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA2002TK
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2002TK Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA2002TK Datasheet HTML 1Page - NXP Semiconductors PCA2002TK Datasheet HTML 2Page - NXP Semiconductors PCA2002TK Datasheet HTML 3Page - NXP Semiconductors PCA2002TK Datasheet HTML 4Page - NXP Semiconductors PCA2002TK Datasheet HTML 5Page - NXP Semiconductors PCA2002TK Datasheet HTML 6Page - NXP Semiconductors PCA2002TK Datasheet HTML 7Page - NXP Semiconductors PCA2002TK Datasheet HTML 8Page - NXP Semiconductors PCA2002TK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2004 Jan 20
5
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
output period and pulse width
PCA2002
Time calibration
The crystal oscillator has an integrated load capacitance of
5 pF, which is lower than the specified load capacitance of
8.2 pF for the quartz crystal.
It oscillates therefore, at a frequency which is typically
60 ppm higher than 32.768 kHz. This positive frequency
offset is then compensated by removing, every minute or
every two minutes, the appropriate number of 8192 Hz
pulses (maximum 127 pulses) of the divider chain. The
timing correction is given in Table 1.
After measuring the effective oscillator frequency, the
number of correction pulses must be calculated and stored
together with the calibration period in the OTP memory;
see Section “Programming procedure”.
The oscillator frequency can be measured at pad RESET,
where a square wave signal with the frequency of
is provided.
This frequency shows a jitter every minute or every two
minutes, depending on the programmed calibration period,
which originates from the time calibration.
Details on how to measure the oscillator frequency and the
programmed inhibition time are given in Section
“Programming procedure”.
1
1024
-------------
f
osc
×
Table 1
Timing correction
CALIBRATION
PERIOD (min)
CORRECTION PER STEP (N = 1)
CORRECTION PER STEP (N = 127)
ppm
s/day
ppm
s/day
1
2.03
0.176
258
22.3
2
1.017
0.088
129
11.15
Reset
At pin RESET an output signal with a frequency of
= 32 Hz is provided.
Connecting pin RESET to VDD stops the motor drive and
opens the motor switches.
After releasing pin RESET, the first motor pulse is
generated exactly one period later with the opposite
polarity to the last pulse before stopping. The debounce
time for the reset function is between 31 ms and 62 ms.
Connecting pin RESET to VSS activates the test mode.
In this mode the motor output frequency is 32 Hz, which
can be used to test the mechanical function of the watch.
Programming possibilities
The programming data is stored in two words; see Table 2.
1
1024
-------------
f
osc
×
Table 2
Words and bits
WORD
BIT
1234567
8
A
number of 8192 Hz pulses to be removed
calibration period
B
pulse width
output period
duty cycle
pulse stretching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com