Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002TK Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA2002TK
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2002TK Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA2002TK Datasheet HTML 6Page - NXP Semiconductors PCA2002TK Datasheet HTML 7Page - NXP Semiconductors PCA2002TK Datasheet HTML 8Page - NXP Semiconductors PCA2002TK Datasheet HTML 9Page - NXP Semiconductors PCA2002TK Datasheet HTML 10Page - NXP Semiconductors PCA2002TK Datasheet HTML 11Page - NXP Semiconductors PCA2002TK Datasheet HTML 12Page - NXP Semiconductors PCA2002TK Datasheet HTML 13Page - NXP Semiconductors PCA2002TK Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2004 Jan 20
10
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
output period and pulse width
PCA2002
CHARACTERISTICS
VDD = 1.55 V; VSS =0V; fosc = 32.768 kHz; Tamb =25 °C; quartz crystal; Rs =40kΩ;C1 = 2 to 3 fF; CL = 8.2 pF; unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
normal operating mode;
Tamb = −10 °C to +60 °C
1.1
1.55
3.6
V
∆VDD
supply voltage variation
∆V/∆t=1V/µs
−−
0.25
V
IDD
supply current
between motor pulses
−
90
120
nA
between motor pulses at
VDD = 3.5 V
−
120
180
nA
Tamb = −10 °C to +60 °C
−−
200
nA
stop mode; pin RESET connected
to VDD
−
100
135
nA
Motor output
Vsat
saturation voltage
∑(P+N)
RM =2kΩ;
Tamb = −10 °C to +60 °C
−
150
200
mV
Zo(sc)
short-circuit impedance
between motor pulses;
Imotor <1mA
−
200
300
Ω
Oscillator
Vstart
starting voltage
1.1
−−
V
gm
transconductance
VOSCIN ≤ 50 mV (p-p)
5
10
−µS
tsu
start-up time
−
0.3
0.9
s
∆f/f
frequency stability
∆VDD = 100 mV
−
0.05
0.2
ppm
CL
integrated load
capacitance
4.3
5.2
6.3
pF
Rpar
parasitic resistance
allowed resistance between
adjacent pins
20
−−
M
Ω
Reset
fo
output frequency
−
32
−
Hz
∆Vo
output voltage swing
RL =1MΩ; CL = 10 pF
1.4
−−
V
tr
rise time
RL =1MΩ; CL =10pF
−
1
−µs
tf
fall time
RL =1MΩ; CL =10pF
−
1
−µs
Ii(av)
average input current
pin RESET connected to VDD or
VSS
−
10
20
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com