Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002TK Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA2002TK
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2002TK Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA2002TK Datasheet HTML 2Page - NXP Semiconductors PCA2002TK Datasheet HTML 3Page - NXP Semiconductors PCA2002TK Datasheet HTML 4Page - NXP Semiconductors PCA2002TK Datasheet HTML 5Page - NXP Semiconductors PCA2002TK Datasheet HTML 6Page - NXP Semiconductors PCA2002TK Datasheet HTML 7Page - NXP Semiconductors PCA2002TK Datasheet HTML 8Page - NXP Semiconductors PCA2002TK Datasheet HTML 9Page - NXP Semiconductors PCA2002TK Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2004 Jan 20
6
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
output period and pulse width
PCA2002
Table 3
Description of word A bits
Table 4
Description of word B bits
General start up sequence
You must follow the next sequence to ensure the correct
operation at start up:
1. Apply the supply voltage to the circuit.
2. Wait at least two seconds.
3. Connect pin RESET to pin VDD for a minimum of 62 ms
(this activates the stop mode).
4. Disconnect pin RESET from pin VDD (this resets the
circuit to normal operating mode).
After this sequence the memory contents are read
immediately and the programmed options are set. This
sequence also resets all major circuit blocks and ensures
that they function correctly.
To ensure that the oscillator starts up correctly you must
execute a reset sequence (see Fig.5).
Programming procedure
For a watch it is essential that the timing calibration can be
made after the watch is fully assembled. In this situation,
the supply pins are often the only terminals which are still
accessible.
Writing to the OTP cells and performing the related
functional checks is achieved in the PCA2002 by
modulating the supply voltage. The necessary control
circuit consists basically of a voltage level detector, an
instruction state counter (which determines the function to
be performed) and an 8-bit shift register which allows
writing the OTP cells of an 8-bit word in one step and which
acts as data pointer for checking the OTP content.
BIT
VALUE
DESCRIPTION
Inhibit time
1to7
−
the number of the 8192 Hz pulses to
be removed (binary coded;
MSB = A1, LSB = A7)
Calibration period
8
0
1 minute
1
2 minutes
BIT
VALUE
DESCRIPTION
Pulse width tp (ms)
1 to 3
000
0.98
001
1.95
010
2.9
011
3.9
100
4.9
101
5.9
110
6.8
111
7.8
Output period (s)
4 to 6
000
1
001
5
010
10
011
20
100
30
Duty cycle of motor pulse
7
0
75 %
1
100 %
Pulse stretching
8
0
no pulse stretching
1
a pulse width of 2tp and a duty factor
of 25 % is added
VDD
VP(stop)
t(start) > 500 ms
VSS
VDD(nom)
001aaa285
tp(stop)
Fig.5 Supply voltage at start up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com