Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002TK Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA2002TK
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2002TK Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA2002TK Datasheet HTML 10Page - NXP Semiconductors PCA2002TK Datasheet HTML 11Page - NXP Semiconductors PCA2002TK Datasheet HTML 12Page - NXP Semiconductors PCA2002TK Datasheet HTML 13Page - NXP Semiconductors PCA2002TK Datasheet HTML 14Page - NXP Semiconductors PCA2002TK Datasheet HTML 15Page - NXP Semiconductors PCA2002TK Datasheet HTML 16Page - NXP Semiconductors PCA2002TK Datasheet HTML 17Page - NXP Semiconductors PCA2002TK Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
2004 Jan 20
14
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
output period and pulse width
PCA2002
PACKAGE OUTLINE
UNIT
ce
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
DIMENSIONS (mm are the original dimensions)
SOT144-1
95-01-24
03-03-12
b
n
max.
L
m
max.
H E
0.40
0.25
0.19
0.12
3.1
2.9
3.1
2.9
4.6
4.4
0.8
0.75
0.26
0.3
Q 1
Q 2
w
t
0.4
0.3
0.1
0.4
0.3
0.95
0.9
0.7
L
w M
b
Q 2
Q 1
0
2.5
5 mm
scale
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
E
(1)
(1)
D
e
t
n
pin 1 index
4
1
5
8
D
E
c
m
X
detail X
PMFP8: plastic micro flat package; 8 leads (straight)
SOT144-1
A2
A 2
HE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com