Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7268LC Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE7268LC
Description  Dual LIN 2.2 / SAE J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7268LC Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE7268LC Datasheet HTML 1Page - Infineon Technologies AG TLE7268LC Datasheet HTML 2Page - Infineon Technologies AG TLE7268LC Datasheet HTML 3Page - Infineon Technologies AG TLE7268LC Datasheet HTML 4Page - Infineon Technologies AG TLE7268LC Datasheet HTML 5Page - Infineon Technologies AG TLE7268LC Datasheet HTML 6Page - Infineon Technologies AG TLE7268LC Datasheet HTML 7Page - Infineon Technologies AG TLE7268LC Datasheet HTML 8Page - Infineon Technologies AG TLE7268LC Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Data Sheet
1
Rev. 1.0
www.infineon.com/automotive-transceiver
2017-09-14
TLE7268
Dual LIN 2.2 / SAE J2602 Transceiver
1
Overview
Quality Requirement Category: Automotive
Features
• Two independent single-wire LIN transceivers in one device
• Transmission rate up to 20 kbps
• Compliant to ISO 17987-4, LIN Specification 2.2 A and SAE J2602
• Very low current consumption in Sleep mode with wake-up capability
• Very low leakage current on the BUSx pins
• Digital I/O levels compatible for 3.3V and 5V microcontrollers
• TxD protected with dominant time-out function and state check after
mode change to Normal Operation mode
•bus_x short to VBAT protection
• bus_x short to GND handling
• Overtemperature protection
• Undervoltage detection
• Very high ESD robustness: +/- 10 kV (IEC61000-4-2), +/-8 kV (HBM)
• Optimized for high electromagnetic compliance (EMC)
• Very low electromagnetic emission and high immunity to interference
• Available in PG-DSO-14 and PG-TSON-14 package
• Automated Optical Inspection (AOI) support with PG-TSON-14 package
• Pin and footprint compatible with single LIN transceivers such as TLE7257, TLE7258, and TLE7259-3GE
• Green Product (RoHS compliant)
• AEC Qualified
Applications
• Body Control Modules (BCM)
•Gateway
Description
The TLE7268 is a dual transceiver for the Local Interconnect Network (LIN) with integrated wake-up and
protection features. The TLE7268 is designed for in-vehicle networks using data transmission rates up to


Similar Part No. - TLE7268LC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7263E INFINEON-TLE7263E Datasheet
902Kb / 63P
Integrated HS-CAN, LIN, LDO and HS Switch System Basis Chip
Rev. 1.51, June 2007
TLE7269G INFINEON-TLE7269G Datasheet
754Kb / 34P
Twin LIN Transceiver
Rev. 1.2, Nov. 2007
More results

Similar Description - TLE7268LC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1021 NXP-TJA1021 Datasheet
500Kb / 25P
LIN 2.1/SAE J2602 transceiver
Rev. 05-22 October 2009
logo
Microchip Technology
MCP2003 MICROCHIP-MCP2003 Datasheet
406Kb / 32P
LIN J2602 Transceiver
2010
logo
NXP Semiconductors
TJA1021 NXP-TJA1021_10 Datasheet
564Kb / 25P
LIN 2.1/SAE J2602 transceiver
Rev. 6-30 December 2010
TJA1029 NXP-TJA1029 Datasheet
529Kb / 24P
LIN 2.2A/SAE J2602 transceiver with TXD dominant timeout
Rev. 1-8 January 2013
logo
Micon Design Technology...
PIC16F1829LIN MDTIC-PIC16F1829LIN Datasheet
1Mb / 74P
20-Pin, 8-bit Flash LIN/J2602 Microcontroller
logo
Microchip Technology
MCP2003 MICROCHIP-MCP2003_13 Datasheet
918Kb / 34P
LIN J2602 Transceiver
11/29/11
logo
ATMEL Corporation
ATA6670 ATMEL-ATA6670_14 Datasheet
738Kb / 19P
Dual LIN Transceiver
logo
Microchip Technology
MCP2003 MICROCHIP-MCP2003_14 Datasheet
581Kb / 34P
LIN J2602 Transceiver
03/25/14
logo
NXP Semiconductors
TJA1027 NXP-TJA1027 Datasheet
650Kb / 24P
ISO 17987/LIN 2.x/SAE J2602 transceiver
Rev. 3-18 December 2018
logo
ON Semiconductor
NCV7422 ONSEMI-NCV7422 Datasheet
290Kb / 12P
LIN Transceiver, Dual
August, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com