Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7268LC Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE7268LC
Description  Dual LIN 2.2 / SAE J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7268LC Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE7268LC Datasheet HTML 16Page - Infineon Technologies AG TLE7268LC Datasheet HTML 17Page - Infineon Technologies AG TLE7268LC Datasheet HTML 18Page - Infineon Technologies AG TLE7268LC Datasheet HTML 19Page - Infineon Technologies AG TLE7268LC Datasheet HTML 20Page - Infineon Technologies AG TLE7268LC Datasheet HTML 21Page - Infineon Technologies AG TLE7268LC Datasheet HTML 22Page - Infineon Technologies AG TLE7268LC Datasheet HTML 23Page - Infineon Technologies AG TLE7268LC Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Data Sheet
20
Rev. 1.0
2017-09-14
TLE7268
Dual LIN 2.2 / SAE J2602 Transceiver
Electrical characteristics
7
Electrical characteristics
7.1
Functional device characteristics
7.1.1
General timing parameters
7.1.2
Power supply interface
7.1.2.1
Current consumption
Table 6
General Timing Parameters
5.5 V < VS <18 V; RL = 500 Ω; -40 °C < TJ < 150 °C
all voltages with respect to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.
Delay time for mode change
tMODE_x ––
50
µs
1)
1) Delay time specified for a load of 10 kΩ, 20 pF on the INH output
P_7.1.1
TxD time-out
tTxD_x
818
28
ms
P_7.1.2
TxD recessive time to release transmitter tto,
––
10
µs
1)
P_7.1.3
Table 7
Current consumption
5.5 V < VS <18 V; RL = 500 Ω; -40 °C < TJ < 150 °C
all voltages with respect to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.
Current consumption at VS, Normal
Operation mode, recessive state (both
transceivers)
IS,rec
0.1 0.8
2.0
mA INH open, without RL;
VTxD1 = VTxD2 =“high”
P_7.1.4
Current consumption at VS, Normal
Operation mode, dominant state (both
transceivers)
IS,dom
0.2 2.2
4.5
mA INH open, without RL;
VTxD1 = VTxD2 =0 V
P_7.1.5
Current consumption at VS, Standby
mode (both transceivers)
IS,standby 100 400 900 µA Standby mode,
VS = VBUS1 = VBUS2
P_7.1.6
Current consumption at VS, Sleep mode
(both transceivers)
IS,sleep,typ 1
8
15
µA
Sleep mode,
Tj <40°C; VS = 13.5 V;
VS = VBUS1 = VBUS2
P_7.1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com