Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7268LC Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7268LC
Description  Dual LIN 2.2 / SAE J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7268LC Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7268LC Datasheet HTML 9Page - Infineon Technologies AG TLE7268LC Datasheet HTML 10Page - Infineon Technologies AG TLE7268LC Datasheet HTML 11Page - Infineon Technologies AG TLE7268LC Datasheet HTML 12Page - Infineon Technologies AG TLE7268LC Datasheet HTML 13Page - Infineon Technologies AG TLE7268LC Datasheet HTML 14Page - Infineon Technologies AG TLE7268LC Datasheet HTML 15Page - Infineon Technologies AG TLE7268LC Datasheet HTML 16Page - Infineon Technologies AG TLE7268LC Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Data Sheet
13
Rev. 1.0
2017-09-14
TLE7268
Dual LIN 2.2 / SAE J2602 Transceiver
Functional description
4.5
Wake-up events
A wake-up event on the LIN Bus changes the operation mode for transceiver_x of the TLE7268 from Sleep
mode to Standby mode. There are two different ways to exit Sleep mode:
• Bus wake-up via a dominant signal on the pin BUSx for at least the time tWK_bus.
The TLE7268 changes into Standby mode.
• Mode change by setting the ENx input “high”.
The TLE7268 changes into Normal Operation mode.
4.5.1
Bus wake-up via LIN bus
The bus wake-up, also called remote wake-up, changes the transceivers’ operation mode from Sleep mode to
Standby mode. A falling edge on the LIN Bus, followed by a dominant bus signal for t > tWK,bus results in a bus
wake-up event. The mode change to Standby mode is performed with the subsequent rising edge on the LIN
bus. The transceiver_x of TLE7268 remains in Sleep mode until it detects a change from dominant to recessive
on the LIN bus_x (see Figure 8).
In Standby mode a “low” signal on the RxDx output indicates a bus wake-up event of transceiver_x.
Figure 8
Bus wake-up behavior
VBUSx
VBUS,dom
VBUS,wk
LIN bus signal
INH
tWK,bus
t
t
ENx
t
TxDx
t
RxDx
t
1)
RxDx „low“ indicates
wake-up event on Bus_x
TxDx is high-impedance
1) External pull up resistor is required.
Standby mode
Sleep mode
2) INH is switched off only if both transceivers are in the Sleep mode
2) Et
l
ll d
it
i
i d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com